Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21093EM-70PBS Datasheet(PDF) 3 Page - SPANSION

Part # MB84VD21093EM-70PBS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD21093EM-70PBS Datasheet(HTML) 3 Page - SPANSION

  MB84VD21093EM-70PBS Datasheet HTML 1Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 2Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 3Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 4Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 5Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 6Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 7Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 8Page - SPANSION MB84VD21093EM-70PBS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
MB84VD2108XEM/2109XEM-70
2
(Continued)
•••• FLASH MEMORY
• Simultaneous Read/Write Operations (Dual Bank)
Miltiple devices available with different bank sizes (Please refer to ORDERING INFORMATION)
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Minimum 100,000 Write/Erase Cycles
• Sector Erase Architecture
Eight 4 K words and thirty one 32 K words.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
MB84VD2108XEM: Top sector
MB84VD2109XEM: Bottom sector
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit Feature for Detection of Program or Erase Cycle Completion
• Ready-Busy Output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic Sleep Mode
When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC Write Inhibit
≤≤≤≤ 2.5 V
• HiddenROM Region
64K byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC Input Pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
(MB84VD2108XEM:SA37,SA38 MB84VD2109XEM:SA0,SA1)
At VIH, allows removal of boot sector protection
At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL16XTE/BE” Datasheet in Detailed Function
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.
•••• SRAM
• Power Dissipation
Operating : 40 mA Max
Standby
: 7
µA Max
• Power Down Features using CE1s and CE2s
• Data Retention Supply Voltage: 1.5 V to 3.3 V
•CE1s and CE2s Chip Select
• Byte Data Control: LB (DQ7 to DQ0), UB (DQ15 to DQ8)


Similar Part No. - MB84VD21093EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD21093 FUJITSU-MB84VD21093 Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD21093-85-PBS FUJITSU-MB84VD21093-85-PBS Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD21093-85-PTS FUJITSU-MB84VD21093-85-PTS Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD21093EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com