Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL080CIVS Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL080CIVS
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080CIVS Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12DL080CIVS Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 V
P-P with each
input pin voltage centered on a common mode voltage, V
CM.
The negative input pins may be connected to V
CM for
single-ended operation, but a differential input signal is
required for best performance.
16
1
V
INA−
V
INB−
7V
REF
This pin is used in conjunction with REFSEL/DCS (pin 11) to
select the internal 1.0V reference, or as the external reference
input.
If V
REF is tied HIGH, the internal 1.0V reference is selected.
REFSEL/DCS must be LOW or tied to V
RMAorVRMB.
If a voltage in the range of 0.8V to 1.2V is applied to this pin,
that voltage is used as the reference. V
REF should be
bypassed to AGND with a 0.1 µF low ESL capacitor when an
external reference is used. The nominal external reference
voltage is 1.0V but values in the range of 0.8V to 1.2V may be
used. REFSEL/DCS must be HIGH or tied to V
RMAorVRMB.
See Table 3 in Section 2.2 for more information.
11
REFSEL/DCS
This pin is used in conjunction with V
REF (pin 7) to select the
reference source and turn the Duty Cycle Stabilizer (DCS) on
or off.
When REFSEL/DCS is LOW and V
REF is HIGH, the internal
1.0V reference is selected and DCS is On.
When REFSEL/DCS is HIGH, an external reference voltage in
the range of 0.8V to 1.2V should be applied to the V
REF input.
DCS is On.
With this pin connected to V
RMAorVRMB, DCS is Off.
See Table 3 in Section 2.2 for more information.
13
5
V
RPA
V
RPB
These are reference bypass pins. These pins should each be
bypassed to ground with a 0.1 µF capacitor. A 10 µF capacitor
should be placed between the V
RPA and VRNA pins and
between the V
RPB and VRNB pins.
These pins should not be loaded.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is as
specified in the electrical tables with guaranteed performance
at 80 MHz. The inputs are sampled on the rising edge.
www.national.com
3


Similar Part No. - ADC12DL080CIVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL080CIVS/NOPB TI1-ADC12DL080CIVS/NOPB Datasheet
831Kb / 34P
[Old version datasheet]   A/D Converter for IF Sampling
More results

Similar Description - ADC12DL080CIVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com