Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16241ADGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABTH16241ADGG
Description  16-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16241ADGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABTH16241ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16241ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16241A
74ABTH16241A
16-bit buffer/driver (3-State)
1998 Feb 25
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SA00434
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 46, 44, 43,
41, 40, 38, 37,
36, 35, 33, 32,
30, 29, 27, 26
1A0-1A3
2A0-2A3
3A0-3A3
4A0-4A3
Data inputs
2, 3, 5, 6,
8, 9, 11, 12,
13, 14, 16, 17,
19, 20, 22, 23
1Y0-1Y3
2Y0-2Y3
3Y0-3Y3
4Y0-4Y3
Data outputs
1, 48, 25, 24
1OE, 2OE,
3OE, 4OE
Output enables
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
48
EN1
1
46
44
43
41
40
38
37
36
EN2
EN3
EN4
1
2
1
3
1
4
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
2OE
3OE
4OE
1A1
1A2
1A3
1A4
2A1
2A2
2A3
3A1
3A2
3A3
3A4
4A1
4A2
4A3
4A4
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
3Y1
3Y2
3Y3
3Y4
4Y1
4Y4
2A4
4Y2
4Y3
SA00433
FUNCTION TABLE
Inputs
Outputs
1OE, 4OE
1An, 4An
1Yn, 4Yn
L
L
L
L
H
H
H
X
Z
2OE, 3OE
2An, 3An
2Yn, 3Yn
H
L
L
H
H
H
L
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state


Similar Part No. - 74ABTH16241ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16240A PHILIPS-74ABTH16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16240ADGG PHILIPS-74ABTH16240ADGG Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16240ADL PHILIPS-74ABTH16240ADL Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABTH16244A PHILIPS-74ABTH16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
logo
Texas Instruments
74ABTH16244DGGRE4 TI-74ABTH16244DGGRE4 Datasheet
337Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABTH16241ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com