Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5105 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G5105
Description  Low-Noise Step-up DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5105 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G5105 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G5105 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ver: 0.6 Preliminary
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G5105
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
SW
Switch Pin
. The drain of the internal NMOS power switch. Connect this pin to inductor.
2
GND
Ground Pin
.
3
FB
Feedback Pin
.
4
SHDN
Active Low Shutdown Pin
.
5
COMP
Compensation Pin
.
6
VCC
Input Supply Pin
. Bypass this pin with a capacitor as close to the device as possible.
Block Diagram
+
VREF
SW
FB
1.28V
GND
CONTROL
DRIVER
+
OC
SHDN
R
S
Q
1MHz
OSCILLATOR
VCC
COMPARATOR
A2
+
A1
RAMP
GENERATOR
M1
COMP
+
VREF
SW
FB
1.28V
GND
CONTROL
DRIVER
+
OC
SHDN
R
S
Q
1MHz
OSCILLATOR
VCC
COMPARATOR
A2
+
A1
RAMP
GENERATOR
M1
COMP
White LED Driver
D2
(Optional)
C2
D1
L1
VCC
G5105
SHDN
FB
COMP
V
IN
C1
ON OFF
SW
GND
V
OUT
R2
R1
R4
R3
M1
R
C
C
C
V
BIAS
V
DIM
PWM Dimming
White LED Driver
D2
(Optional)
C2
D1
L1
VCC
G5105
SHDN
FB
COMP
V
IN
C1
ON OFF
SW
GND
V
OUT
R2
R1
R4
R3
M1
R
C
C
C
V
BIAS
V
DIM
PWM Dimming


Similar Part No. - G5105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510526 E-SWITCH-G510526 Datasheet
42Kb / 1P
   All Dimension In MM
G510531 E-SWITCH-G510531 Datasheet
41Kb / 1P
   All Dimension In MM
G510540 E-SWITCH-G510540 Datasheet
43Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510550 E-SWITCH-G510550 Datasheet
40Kb / 1P
   All Dimension In MM
More results

Similar Description - G5105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com