Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5107TPU Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G5107TPU
Description  Low-Voltage, High-Efficiency, Step-up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5107TPU Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G5107TPU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5107TPU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ver: 0.3 Preliminary
May 11, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G5107
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
1.26
1.265
1.27
1.275
1.28
1.285
1.29
1.295
1.3
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
1.26
1.265
1.27
1.275
1.28
1.285
1.29
1.295
1.3
-40
-20
0
20
406080
100
Temperature (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
22.5
33.544.5
55.5
6
VCC (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-20
0
20
40
60
80
100
Temperature (°C)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
22.5
33.544.5
55.5
6
VCC (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
Feedback Voltage vs. VCC
Feedback Voltage vs. Temperature
Frequency vs. VCC
Frequency vs. Temperature
SW R_on vs. VCC
SW R_on vs. Temperature


Similar Part No. - G5107TPU

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510700 E-SWITCH-G510700 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510701 E-SWITCH-G510701 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510702 E-SWITCH-G510702 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510703 E-SWITCH-G510703 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510704 E-SWITCH-G510704 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - G5107TPU

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
First Components Intern...
FT1301 FCI-FT1301 Datasheet
296Kb / 8P
   300mA High Efficiency and Low Voltage Step-up DC to DC Converter
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com