Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5117 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G5117
Description  High Efficiency, Constant Current Output for 4 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5117 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G5117 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5117 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G5115/G5117/G5119
Global Mixed-mode Technology Inc.
Table 2. Recommended Output Capacitors
PART
VALUE (µF)
VOLTAGE
RATING (V)
VENDOR
TMK107BJ104MA
0.1
25
Tayo Yuden
TMK316BJ105KL
1
25
Tayo Yuden
TMK325BJ475MN
4.7
25
Tayo Yuden
Input Capacitor Selection
For good input voltage filtering the capacitor value can
be increased. Low ESR ceramic capacitors are rec-
ommended. A 4.7µF ceramic input capacitor is suffi-
cient for most applications.
Table 3. Recommended Input Capacitors
PART
VALUE (µF)
VOLTATE
RATING (V)
VENDOR
LMK212BJ105MG
1
10V
Tayo Yuden
JMK212BJ475MG
4.7
6.3V
Tayo Yuden
JMK212BJ106MG
10
6.3V
Tayo Yuden
Diode Selection
To achieve high efficiency a Schottky diode must be
used. The current rating of the diode must meet the
peak current rating of the converter. Schottky diodes,
with their low forward voltage drop and fast switching
speed, are best match for the G5115/G5117/G5119.
Table 4. Recommended Diodes
PART
REVERSE
VOLTAGE (V)
VENDOR
MBR0520
20
On Semiconductor
Setting The LED Current
The Converter regulates the LED current by regulating
the voltage across the current sense resistor (RS). The
voltage across the sense resistor is regulated to the
internal reference voltage of V(FB)=250mV. The LED
Current can be calculated:
VFB
0.25V
ILED =
RS
=
RS
The current programming method is used when the
brightness of the LEDs is fixed or control by a PWM
signal applied to the SHDN pin. When using a PWM
signal on the SHDN pin, the LED brightness is only
dependent on the PWM duty cycle, independent of the
PWM frequency or amplitude, which simplifies the sys-
tems.
Layout considerations
In all switching power supplies the layout is an impor-
tant step in the design, especially at high peak currents
and switching frequencies. If the layout is not carefully
done, the regulator might show noise problems and
duty cycle jitter. The input capacitor should be placed
as close as possible to the input pin for good input
voltage filtering. The inductor and diode must be placed
as close as possible to the switch pin to minimize noise
coupling into other circuits. Since the feedback pin and
network is a high impedance circuit, the feedback net-
work should be routed away from the inductor.


Similar Part No. - G5117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5110 GMT-G5110 Datasheet
91Kb / 1P
   600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
logo
Heyco.
G5110 HEYCO-G5110 Datasheet
118Kb / 1P
   Tapered Caps and Plugs–NPT
logo
E-SWITCH
G511000 E-SWITCH-G511000 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
G511001 E-SWITCH-G511001 Datasheet
58Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
G511003 E-SWITCH-G511003 Datasheet
135Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - G5117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
   High Efficiency, Constant Current Output for 8 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com