Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5115T1U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5115T1U
Description  High Efficiency, Constant Current Output for 4 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5115T1U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G5115T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5115T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5115/G5117/G5119
Global Mixed-mode Technology Inc.
Pin Description
PIN
G5115
G5117
G5119
SOT-23-5
SOT-23-5
MSOP-8
NAME
FUNCTION
1
1
8
SW
Switch Pin. The drain of the internal NMOS power switch. Connect
this pin to inductor.
2
PGND Power Ground Pin.
2
2
7
AGND Analog Ground Pin.
3
3
6
FB
Feedback Pin.
4
5
SHDN
Active Low Shutdown Pin. Tie this pin to logical high to enable
the device or tied it to logical low to turn this device off. Internal
1.5M
Ω pulled high.
4
4
OVP
Over Voltage Protection Sense Pin.
5
5
1
VCC
Input Supply Pin. Bypass this pin with a capacitor as close to the
device as possible.
Function Description
Operation
The G5115/G5117/G5119 are boost converters with
NMOS switch embedded. They operate in a PFM
scheme with constant peak current control. The opera-
tion frequency is up to 1MHz and is determined by the
current limit, inductor value, input voltage and minimum
off time. The boost cycle is started when FB pin voltage
drop below 0.25V as the NMOS switch turns on. During
the switch on period, the inductor current ramps up until
250mA current limit is reached. Then turns the switch
off, while the inductor current flows through external
schottky diode, and ramps down to zero. During the
switch off period, the inductor current provides for load
current and also charges output capacitor. It makes the
LED current higher and results in larger voltage drop on
sense resistor Rs. The cycle stop when FB pin voltage
is above 0.25V.
The current limit function acts as an inherent soft start
by controlling the inrush current.
PWM Dimming
To control the brightness of the LEDs, use a low fre-
quency PWM waveform to turn G5117/G5119 on for
duty 0%~100%. How bright the LEDs at 100% duty are
determined by sense resistor Rs.
Overvoltage Protection (OVP)
OVP is designed to prevent the damage of internal
NMOS switch in case the increased impedance of the
LED load (include the LED opened). Once the device
detects over voltage at the output, the internal NMOS
switch is kept off until the output voltage drops below
14V.
Applications Information
Inductor Selection
The PFM peak current control scheme of the
G5115/G5117/G5119 is inherently stable. The inductor
value does not affect the stability of the regulator. The
selected inductor must have a saturation current that
meets the maximum peak current of the converter. An-
other important inductor parameter is the DC resistance.
The lower DC resistance has the higher the efficiency
of the converter.
Table 1. Recommended Inductors
PART
VALUE(µH) MAX DCR (
Ω) VENDOR
LQH32CN100K1
1
10
0.39
MURATA
972AS-100M
10
0.48
TOKO
960AW-100M
10
0.18
TOKO
Output Capacitor Selection
For better output voltage filtering, a low ESR output
capacitor is recommended. Ceramic capacitors have a
low ESR value, but depending on the application, tan-
talum capacitors can be used. The selection of the
output capacitor value directly influences the output
voltage ripple of the converter which also influences
line regulation. The larger output voltage ripple, the
larger line regulation, which means that the LED cur-
rent changes if the input voltage changes. If a certain
change in LED current gives a noticeable change in
LED brightness, depends on the LED manufacturer and
on the application. Applications requiring good line
regulation
±1%/V (TYP) must use output capacitor val-
ues
±1µF.


Similar Part No. - G5115T1U

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5115 HEYCO-G5115 Datasheet
118Kb / 1P
   Tapered Caps and Plugs–NPT
More results

Similar Description - G5115T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
   High Efficiency, Constant Current Output for 8 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com