Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1881Z-045 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1881Z-045
Description  Dual NV Audio Taper Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1881Z-045 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1881Z-045 Datasheet HTML 2Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 3Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 4Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 5Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 6Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 7Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 8Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 9Page - Maxim Integrated Products DS1881Z-045 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Dual NV Audio Taper Digital Potentiometer
6
_____________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
GND
Ground
2A2
3A1
I2C Address Inputs. Inputs A0, A1, and A2 determine the I2C slave address of the device.
4
N.C.
No Connection
5A0
I2C Address Input. Inputs A0, A1, and A2 determine the I2C slave address of the device.
6
W0
Wiper Terminal for Potentiometer 0
7
L0
Low Terminal for Potentiometer 0
8
H0
High Terminal for Potentiometer 0
9
L1
Low Terminal for Potentiometer 1
10
H1
High Terminal for Potentiometer 1
11
W1
Wiper Terminal for Potentiometer 1
12
CE
Chip Enable. Enables SDA and SCL pins for I2C communication.
13
SDA
I2C Serial-Data Open-Drain I/O
14
SCL
I2C Serial-Clock Input
15
VCC
Analog Voltage Supply
16
VDD
Digital Voltage Supply
THD+N vs. FREQUENCY (0dB)
FREQUENCY (kHz)
10
1
0.1
0.0002
0.0004
0.0006
0.0008
0.0010
0.0012
0.0014
0.0016
0.0018
0
0.01
100
CROSSTALK vs. FREQUENCY (-6dB)
FREQUENCY (kHz)
10
1
0.1
-120
-100
-80
-60
-40
-20
0
-140
0.01
100
Typical Operating Characteristics (continued)
(VDD = VCC = +5.0V, TA = +25°C.)


Similar Part No. - DS1881Z-045

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050++ MAXIM-DS1882E-050+ Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050+TR MAXIM-DS1882E-050+TR Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050++ MAXIM-DS1882Z-050+ Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050+TR MAXIM-DS1882Z-050+TR Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
More results

Similar Description - DS1881Z-045

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com