Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16500CDGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT16500CDGG
Description  18-bit universal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16500CDGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT16500CDGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 9Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 10Page - NXP Semiconductors 74ABT16500CDGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16500C
74ABTH16500C
18-bit universal bus transceiver (3-State)
1998 Feb 27
7
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.8
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
4.0
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.35
0.55
0.55
V
VRST
Power-up output voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
I
Input leakage current
VCC = 5.5V; VI = GND or
Control pins
"001
"10
"10
µA
II
Input leakage current
VCC
5.5V VI
GND or
5.5V
Control pins
"0.01
"1.0
"1.0
µA
B
H ld
tA
dB
VCC = 4.5V; VI = 0.8V
35
35
IHOLD
Bus Hold current A and B
Ports6 74ABTH16500C
VCC = 4.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
"2
"100
"100
µA
IPU/PD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.0V or VCC;
VOE = Don’t care
"2
"50
"50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 5.5V; VI = VIL or VIH
1.0
10
10
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.0V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
2
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–80
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or
VCC
0.5
2
2
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
0.5
2
2
mA
∆ICC
Additional supply current
per input pin2
74ABT16500C
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
5.0
50
50
µA
∆ICC
Additional supply current
per input pin2
74ABTH16500C
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
200
500
500
µA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10% a
transition time of up to 100
µsec is permitted.
5. Unused pins at VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74ABT16500CDGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16500CMTD FAIRCHILD-74ABT16500CMTD Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
74ABT16500CSSC FAIRCHILD-74ABT16500CSSC Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results

Similar Description - 74ABT16500CDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com