Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16501ADL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT16501ADL
Description  18-bit universal bus transceiver 3-State
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16501ADL Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT16501ADL Datasheet HTML 1Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 2Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 3Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 4Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 5Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 6Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 7Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 8Page - NXP Semiconductors 74ABT16501ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product specification
74ABT16501A
74ABTH16501A
18-bit universal bus transceiver (3-State)
1998 Feb 27
3
LOGIC SYMBOL
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
A0
A1
A2
A3
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A4
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
54
52
51
49
47
45
44
43
42
41
40
38
37
36
34
33
31
48
1
2
55
27
28
30
SA00127
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
A-to-B Output enable input
27
OEBA
B-to-A Output enable input
(active low)
2, 28
LEAB/LEBA
A-to-B/B-to-A Latch
enable input
55,30
CPAB/
CPBA
A-to-B/B-to-A Clock input
(active rising edge)
3, 5, 6, 8, 9, 10, 12,
13, 14, 15, 16, 17,
19, 20, 21, 23, 24, 26
A0-A17
Data inputs/outputs
(A side)
54, 52, 51, 49, 48,
47, 45, 44, 43, 42,
41, 40, 38, 37, 36,
34, 33, 31
B0-B17
Data inputs/outputs
(B side)
4, 11, 18, 25, 32, 39,
46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
PIN CONFIGURATION
GND
GND
GND
GND
LEAB
OEAB
GND
VCC
VCC
GND
GND
VCC
VCC
GND
GND
GND
LEBA
OEBA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CPAB
B0
B2
B1
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
CPBA
SA00128


Similar Part No. - 74ABT16501ADL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
74ABT16501CMTD FAIRCHILD-74ABT16501CMTD Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
74ABT16501CSSC FAIRCHILD-74ABT16501CSSC Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
74ABT16501DGGRE4 TI1-74ABT16501DGGRE4 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16501DGGRG4 TI1-74ABT16501DGGRG4 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16501ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com