Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16646DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT16646DGG
Description  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16646DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT16646DGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 9Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16646
74ABTH16646
16-bit bus transceiver/register (3-State)
1998 Feb 27
6
LOGIC DIAGRAM
1D
C1
Q
nB1
nB2
nB3
nB4
nB5
nB6
nB7
nA1
nA2
nA3
nA4
nA5
nA6
nA7
DETAIL A X 7
nOE
nDIR
nCPBA
nSBA
nCPAB
nSAB
nB0
1D
C1
Q
nA0
1 of 16 Channels
SH00029
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
IOUT
DC out ut current
output in High state
–64
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT16646DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABT16646DGGRE4 TI-74ABT16646DGGRE4 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16646DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com