Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2136D Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2136D
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136D Datasheet(HTML) 1 Page - International Rectifier

  IRS2136D Datasheet HTML 1Page - International Rectifier IRS2136D Datasheet HTML 2Page - International Rectifier IRS2136D Datasheet HTML 3Page - International Rectifier IRS2136D Datasheet HTML 4Page - International Rectifier IRS2136D Datasheet HTML 5Page - International Rectifier IRS2136D Datasheet HTML 6Page - International Rectifier IRS2136D Datasheet HTML 7Page - International Rectifier IRS2136D Datasheet HTML 8Page - International Rectifier IRS2136D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.irf.com
1
3-PHASE BRIDGE DRIVER
Packages
Description
The IRS2136xD (J&S) are high voltage, high
speed power MOSFET and IGBT driver with
three independent high side and low side
referenced output channels for 3-phase
applications. Proprietary HVIC technology
enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or
LSTTL outputs, down to 3.3 V logic. A
current trip function which terminates all six
outputs can be derived from an external
current sense resistor. An enable function is
available to terminate all six outputs
simultaneously. An open-drain FAULT signal
is provided to indicate that an overcurrent or undervoltage shutdown has occurred. Overcurrent fault conditions are cleared
automatically after a delay programmed externally via an RC network connected to the RCIN input. The output drivers feature a high
pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high
frequency applications. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side
configuration which operates up to 600 V.
Part
IRS2136D
IRS21362D
IRS21363D
IRS21365D
IRS21366D
IRS21367D
IRS21368D
Input Logic
___ ___
HIN, LIN
___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
ton (typ.)
530 ns
530 ns
530 ns
530 ns
200 ns
200 ns
530 ns
toff (typ.)
530 ns
530 ns
530 ns
530 ns
200 ns
200 ns
530 ns
VIH (min.)
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
VIL (max.)
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
0.8 V
VITRIP+
0.46 V
0.46 V
0.46 V
4.3 V
0.46 V
4.3 V
4.3 V
VCCUV+/
VBSUV+
8.9 V
10.4 V
11.1 V
11.1 V
11.1 V
11.1 V
8.9 V
VCCUV-/
VBSUV-
8.2 V
9.4 V
10.9 V
10.9 V
10.9 V
10.9 V
8.2 V
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 V to 20 V (IRS2136D/
IRS21368D), 11.5 V to 20 V (IRS21362D), or 12 V to 20 V
(IRS21363D/IRS21365D/IRS21366D/IRS21367D
Undervoltage lockout for all channels
Over-current shutdown turns off all six drivers
Independent 3 half-bridge drivers
Matched propagation delay for all channels
Cross-conduction prevention logic
Integrated bootstrap diode function
Low side output out of phase with inputs. High side outputs
out of phase (IRS213(6,63, 65, 66, 67, 68)D), or in phase
(IRS21362D) with inputs
3.3 V logic compatible
Lower di/dt gate drive for better noise immunity
Externally programmable delay for automatic fault clear
All parts are LEAD-FREE
PRELIMINARY
IRS2136D/IRS21362D/IRS21363D/IRS21365D/
IRS21366D/IRS21367D/IRS21368D (J&S) PBF
28-Lead SOIC
28-Lead PDIP
44-Lead PLCC w/o 12 Leads
Applications:
*Motor Control
*Air Conditioners/ Washing Machines
*General Purpose Inverters
*Micro/Mini Inverter Drives
Data Sheet No. PD60247revD
Feature Comparison:
IRS2136xD
Typical Connection


Similar Part No. - IRS2136D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2136 IRF-IRS2136 Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21362 IRF-IRS21362 Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21363 IRF-IRS21363 Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21365 IRF-IRS21365 Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21366 IRF-IRS21366 Datasheet
606Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2136D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com