Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6590A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6590A Datasheet HTML 5Page - STMicroelectronics L6590A Datasheet HTML 6Page - STMicroelectronics L6590A Datasheet HTML 7Page - STMicroelectronics L6590A Datasheet HTML 8Page - STMicroelectronics L6590A Datasheet HTML 9Page - STMicroelectronics L6590A Datasheet HTML 10Page - STMicroelectronics L6590A Datasheet HTML 11Page - STMicroelectronics L6590A Datasheet HTML 12Page - STMicroelectronics L6590A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
L6590A
Figure 19. Coss vs. Drain Voltage
Figure 20. Standby Function Thresholds
0
100
200
300
400
500
600
700
0
50
100
150
200
250
Vdrain [V]
Coss [pF]
Tj = 25 °C
-50
0
50
100
150
60
80
100
120
140
160
180
200
220
Tj [°C]
Drain Peak Current [mA]
22 kHz
→ 65 kHz
65 kHz
→ 22 kHz
Figure 21. Test Board electrical schematic
3
1
5
4
6, 7, 8
5Vdc / 2 A
C2
22 µF
25V
C4
2.2 nF
Y1 class
C9
100 nF
R2
560
D1
BZW06-154
D3
1N4148
D4 1N5821
OP1
PC817
L6590A
IC1
3
1
2
3
R1 10
C3
22 nF
L1
4.7 µH
T1
D2
STTA106
BD1
DF06M
Vin
88 to 264 Vac
F1
2A/250V
L
22 mH
CxA
100 nF
CxB
100 nF
C1
22 µF
400 V
4
2
1
IC2
TL431
R3
2.43 k
R4
2.43 k
R5 1.8 M
R6 39 k
R5
2k
C8
220 µF
10V
Rubycon
ZL
C5, C6, C7
470 µF
16V
Rubycon ZL
R6
6.8 k
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈0.6 mm gap for a primary inductance of 1.4 mH
Lleakage <30 µH
Primary : 128 T, 2 series windings 64T each, AWG32
(∅ 0.22 mm)
Sec : 6 T, 4xAWG32
Aux : 14 T, AWG32


Similar Part No. - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
L6590D STMICROELECTRONICS-L6590D Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
L6590N STMICROELECTRONICS-L6590N Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
More results

Similar Description - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
   600mA, Fully Integrated, Buck Power Supply Module
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
   5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com