Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16821ADGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT16821ADGG
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16821ADGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT16821ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 9Page - NXP Semiconductors 74ABT16821ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 27
6
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
160
250
160
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.3
1.1
2.4
2.0
3.3
2.6
1.3
1.1
3.7
3.0
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.4
1.2
2.5
2.3
3.3
3.0
1.4
1.2
4.1
3.7
ns
tPHZ
tPLZ
Output disable time
from High and Low level
3
4
1.6
1.3
3.2
2.3
4.1
3.1
1.6
1.3
4.8
3.3
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.8
1.8
1.2
–0.9
1.8
1.8
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
1.0
1.0
0.8
–1.0
1.0
1.0
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
2.5
2.5
0.8
1.0
2.5
2.5
ns
AC WAVEFORMS
VM
SH00005
nCP
nQx
VM
tw(H)
tPHL
VM
tPLH
1/fMAX
VM
VM
tw(L)
0V
VOH
VOL
3.0V or VCC
whichever
is less
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock frequency
th(H)
ts(H)
CP
SH00006
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
nDx
0V
0V
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 2. Data Setup and Hold Times
VY
VM
VM
VM
nQx
tPZH
tPHZ
SH00007
nOE
0V
VOH
0V
3.0V or VCC
whichever
is less
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VX
VM
VM
VM
nQx
tPZL
tPLZ
SH00008
nOE
VOL
0V
0V
3.0V or VCC
3.0V or VCC
whichever
is less
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - 74ABT16821ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16821ADGG NXP-74ABT16821ADGG Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
More results

Similar Description - 74ABT16821ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com