Electronic Components Datasheet Search |
|
74ABT16827ADL Datasheet(PDF) 4 Page - NXP Semiconductors |
|
74ABT16827ADL Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 10 page Philips Semiconductors Product specification 74ABT16827A 74ABTH16827A 20-bit buffer/line driver, non-inverting (3-State) 1998 Feb 27 4 LOGIC DIAGRAM nA0 nY0 nOE0 nA1 nY1 nA2 nY2 nA3 nY3 nA4 nY4 nA5 nY5 nA6 nY6 nA7 nY7 nA8 nY8 nA9 nY9 nOE1 SH00013 ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +7.0 V IIK DC input diode current VI < 0 –18 mA VI DC input voltage3 –1.2 to +7.0 V IOK DC output diode current VO < 0 –50 mA VOUT DC output voltage3 Output in Off or High state –0.5 to +5.5 V IO DC output current Output in Low state 128 mA IOUT DC output current Output in High state –64 mA Tstg Storage temperature range –65 to 150 °C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER LIMITS UNIT SYMBOL PARAMETER MIN MAX UNIT VCC DC supply voltage 4.5 5.5 V VI Input voltage 0 VCC V VIH High-level input voltage 2.0 V VIL Low-level Input voltage 0.8 V IOH High-level output current –32 mA IOL Low-level output current 64 mA ∆t/∆v Input transition rise or fall rate 0 10 ns/V Tamb Operating free-air temperature range –40 +85 °C |
Similar Part No. - 74ABT16827ADL |
|
Similar Description - 74ABT16827ADL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |