Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16899 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT16899
Description  18-bit latched transceiver with 16-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16899 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT16899 Datasheet HTML 4Page - NXP Semiconductors 74ABT16899 Datasheet HTML 5Page - NXP Semiconductors 74ABT16899 Datasheet HTML 6Page - NXP Semiconductors 74ABT16899 Datasheet HTML 7Page - NXP Semiconductors 74ABT16899 Datasheet HTML 8Page - NXP Semiconductors 74ABT16899 Datasheet HTML 9Page - NXP Semiconductors 74ABT16899 Datasheet HTML 10Page - NXP Semiconductors 74ABT16899 Datasheet HTML 11Page - NXP Semiconductors 74ABT16899 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74ABT16899
74ABTH16899
18-bit latched transceiver with 16-bit
parity generator/checker (3-State)
1998 Feb 25
8
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = –40 to +85oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
2.7
2.2
4.5
3.5
1.0
1.0
5.5
6.9
ns
tPLH
tPHL
Propagation delay
An to BPAR or Bn to APAR
2
2.5
2.5
4.9
5.0
7.2
7.4
2.5
2.5
8.8
8.7
ns
tPLH
tPHL
Propagation delay
An to ERRA or Bn to ERRB
3
2.8
2.8
5.0
4.9
9.3
8.0
2.8
2.8
11.0
10.2
ns
tPLH
tPHL
Propagation delay
APAR to BPAR or BPAR to APAR
1
1.5
1.5
3.1
2.5
3.9
3.1
1.5
1.5
4.8
3.9
ns
tPLH
tPHL
Propagation delay
APAR to ERRA or BPAR to ERRB
6
1.0
1.0
2.5
2.5
3.3
3.3
1.0
1.0
4.3
3.9
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to APAR or BPAR
5
2.5
2.5
4.1
3.9
5.1
5.0
2.5
2.5
6.1
5.7
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to ERRA or ERRB
4
2.5
2.5
4.1
4.0
6.1
5.5
2.5
2.5
7.1
6.6
ns
tPLH
tPHL
Propagation delay
SEL to APAR or BPAR
8
1.5
1.5
3.1
2.6
4.0
3.4
1.5
1.5
5.0
4.2
ns
tPLH
tPHL
Propagation delay
SEL to ERRA or ERRB
8
2.5
2.5
5.0
4.4
7.5
5.9
2.5
2.5
8.3
7.1
ns
tPLH
tPHL
Propagation delay
LEA to Bn or LEB to An
9
1.0
1.0
3.1
2.8
4.2
4.3
1.0
1.0
5.2
4.7
ns
tPLH
tPHL
Propagation delay
LEA to BPAR or LEB to APAR
9
2.8
2.8
5.5
5.1
8.0
7.7
2.8
2.8
9.7
9.1
ns
tPLH
tPHL
Propagation delay
LEA to ERRA or LEB to ERRB
7
1.1
1.2
5.4
5.8
8.0
8.0
1.1
1.2
9.2
9.6
ns
tPZH
tPZL
Output enable time
OEA to An, APAR or OEB to Bn, BPAR
11, 12
1.0
1.0
2.6
2.3
3.6
3.2
1.0
1.0
5.1
4.5
ns
tPHZ
tPLZ
Output disable time
OEA to An, APAR or OEB to Bn, BPAR
11, 12
2.5
1.5
3.9
2.8
5.6
4.1
2.5
1.5
6.0
4.4
ns
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = –40 to +85oC
VCC = +5.0V ±10%
CL = 50pF
RL = 500Ω
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
10
1.5
1.0
0.3
–0.1
1.5
1.0
ns
th(H)
th(L)
Hold time, High or Low
An, APAR to LEA or Bn, BPAR to LEB
10
1.5
1.0
0.1
–0.2
1.5
1.0
ns
tw(H)
Pulse width, High
LEA or LEB
10
3.0
1.0
3.0
ns


Similar Part No. - 74ABT16899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
74ABT16821ADGG PHILIPS-74ABT16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821ADGG NXP-74ABT16821ADGG Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
74ABT16821ADL PHILIPS-74ABT16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
More results

Similar Description - 74ABT16899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16899 PHILIPS-74ALVT16899 Datasheet
122Kb / 20P
   2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Jun 30
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com