Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16821ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABTH16821ADL
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16821ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTH16821ADL Datasheet HTML 1Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 2Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 3Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 4Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 5Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 6Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 7Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 8Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
2
1998 Feb 27
853-1796 19026
FEATURES
20-bit positive-edge triggered register
Multiple V
CC and GND pins minimize switching noise
Live insertion/extraction permitted
Power-up reset
Power-up 3-State
74ABTH16821A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Output capability: +64mA/-32mA
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16821A high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive.
The 74ABT16821A has two 10-bit, edge triggered registers, with
each register coupled to a 3-State output buffer. The two sections of
each register are controlled independently by the clock (nCP) and
Output Enable (nOE) control gates.
Each register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active Low Output Enable (nOE) controls all ten 3-State buffers
independent of the register operation. When nOE is Low, the data in
the register appears at the outputs. When nOE is High, the outputs
are in high impedance “off” state, which means they will neither drive
nor load the bus.
Two options are available, 74ABT16821A which does not have the
bus-hold feature and 74ABTH16821A which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
2.4
2.0
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent supply current
Outputs LOW; VCC = 5.5V
10
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16821A DL
BT16821A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16821A DGG
BT16821A DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16821A DL
BH16821A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16821A DGG
BH16821A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1D0 - 1D9
2D0 - 2D9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14,
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Q0 - 1Q9
2Q0 - 2Q9
Data outputs
1, 28
1OE, 2OE
Output enable inputs (active-Low)
56, 29
1CP, 2CP
Clock pulse inputs (active rising edge)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Similar Part No. - 74ABTH16821ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADL PHILIPS-74ABTH16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16827A PHILIPS-74ABTH16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABTH16827ADGG PHILIPS-74ABTH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

Similar Description - 74ABTH16821ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com