Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M64F8R-13 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64F8R-13
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64F8R-13 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M64F8R-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M64F8R-13 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
HANBit
HSD32M64F8R
URL:www.hbe.co.kr
- 6 -
HANBit Electronics Co.,Ltd
REV.1.0(August.2002).
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70°C)
VERSION
PARAMETER
SYMBOL
TEST
CONDITION
-13
-10L
-10
UNIT
NOT
E
Operating current
(One bank active)
ICC1
Burst length = 1
tRC ≥ tRC(min)
IO = 0mA
960
880
880
mA
1
ICC2P
CKE
≤ V
IL(max)
tCC=10ns
8
mA
3
Precharge standby
current in power-down
mode
ICC2PS
CKE & CLK
≤ V
IL(max)
tCC=∞
8
mA
3
ICC2N
CKE
≥ V
IH(min)
/CE
≥ V
IH(min),
tcc=10ns
Input signals are changed one
time during 20ns
160
Precharge standby
current in non power-
down mode
ICC2NS
CKE
≥ V
IH(min)
CLK
≤ V
IL(max),
tcc=
Input signals are stable
56
mA
3
ICC3P
CKE
≤ V
IL(max), tcc=10ns
40
Active standby current in
power-down mode
ICC3PS
CKE&CLK
≤ V
IL(max)
tcc=
40
mA
3
ICC3N
CKE
≥V
IH(min),
/CE
≥V
IH(min),
tcc=10ns
Input signals are changed one
time during 20ns
240
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
≥VIH(min)
CLK
≤VIL(max), tcc=∞
Input signals are stable
160
mA
3
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
1.2
1
1
A
1
Refresh current
ICC5
tRC ≥ tRC(min)
1.76
1.68
1.68
A
2
Self refresh current
ICC6
CKE
≤ 0.2V
12
mA
3
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Measured with 1PLL & 3 Drive Ics.
4. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).


Similar Part No. - HSD32M64F8R-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8K-10L HANBIT-HSD32M64F8K-10L Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8V-10 HANBIT-HSD32M64F8V-10 Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8V-12 HANBIT-HSD32M64F8V-12 Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
More results

Similar Description - HSD32M64F8R-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com