Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16823ADL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABTH16823ADL
Description  18-bit bus interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16823ADL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABTH16823ADL Datasheet HTML 3Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 4Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 5Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 6Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 7Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 8Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 9Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 10Page - NXP Semiconductors 74ABTH16823ADL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16823A
74ABTH16823A
18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Feb 27
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C
to +85
°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
140
190
140
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.4
1.2
2.3
1.9
3.2
2.6
1.4
1.2
3.7
2.9
ns
tPHL
Propagation delay
nMR to nQx
2
2.0
3.3
4.3
2.0
5.0
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
1.3
1.2
2.4
2.1
3.2
2.9
1.3
1.2
3.9
3.4
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
1.7
1.6
2.9
2.3
4.0
3.2
1.7
1.6
4.7
3.4
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
3
2.0
1.5
1.3
0.9
2.0
1.5
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
1.5
1.5
–0.9
–1.2
1.5
1.5
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
3.3
3.3
1.7
1.7
3.3
3.3
ns
ts(H)
ts(L)
Setup time, High or Low
nCE to nCP
3
1.5
2.0
0.9
0.9
1.5
2.0
ns
th(H)
th(L)
Hold time, High or Low
nCE to nCP
3
1.5
1.5
–0.8
–0.9
1.5
1.5
ns
tw(L)
nMR pulse width, Low
2
3.0
1.7
3.0
ns
trec
Recovery time
nMR to nCP
2
2.5
1.0
2.5
ns


Similar Part No. - 74ABTH16823ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16827A PHILIPS-74ABTH16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABTH16827ADGG PHILIPS-74ABTH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

Similar Description - 74ABTH16823ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com