Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT20D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT20D
Description  Dual 4-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT20D Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT20D Datasheet HTML 1Page - NXP Semiconductors 74ABT20D Datasheet HTML 2Page - NXP Semiconductors 74ABT20D Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Philips Semiconductors
Product specification
74ABT20
Dual 4-input NAND gate
1
1995 Sep 22
853-1811 15793
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An, Bn, Cn, Dn
to Yn
CL = 50pF;
VCC = 5V
2.7
2.2
ns
tOSLH
tOSHL
Output to
Output skew
CC
0.3
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B1
A1
Y1
NC
D1
C1
A0
B0
Y0
NC
C0
D0
SA00350
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An, Bn,
Cn, Dn
Data inputs
6, 8
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
D0
A1
B1
A0
B0
C0
C1
D1
Y0Y1
68
12
45
9
10
12
13
VCC = Pin 14
GND = Pin 7
SA00351
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SA00352
Y0
6
1
2
4
A0
B0
C0
5
D0
Y1
8
9
10
12
A1
B1
C1
13
D1
LOGIC SYMBOL (IEEE/IEC)
SF00068
&
6
8
1
2
4
5
9
10
12
13
FUNCTION TABLE
INPUTS
OUTPUT
An
Bn
Cn
Dn
Yn
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H
H
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT20 N
74ABT20 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT20 D
74ABT20 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT20 DB
74ABT20 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT20 PW
74ABT20PW DH
SOT402-1


Similar Part No. - 74ABT20D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT20D NEXPERIA-74ABT20D Datasheet
754Kb / 13P
   Dual 4-input NAND gate
Rev. 3 - 12 August 2016
74ABT20DB NEXPERIA-74ABT20DB Datasheet
754Kb / 13P
   Dual 4-input NAND gate
Rev. 3 - 12 August 2016
More results

Similar Description - 74ABT20D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com