Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS820H32Q-4I Datasheet(PDF) 10 Page - GSI Technology

Part # GS820H32Q-4I
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820H32Q-4I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS820H32Q-4I Datasheet HTML 6Page - GSI Technology GS820H32Q-4I Datasheet HTML 7Page - GSI Technology GS820H32Q-4I Datasheet HTML 8Page - GSI Technology GS820H32Q-4I Datasheet HTML 9Page - GSI Technology GS820H32Q-4I Datasheet HTML 10Page - GSI Technology GS820H32Q-4I Datasheet HTML 11Page - GSI Technology GS820H32Q-4I Datasheet HTML 12Page - GSI Technology GS820H32Q-4I Datasheet HTML 13Page - GSI Technology GS820H32Q-4I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev: 1.03 2/2000
10/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820H32T/Q-150/138/133/117/100/66
Note: This parameter is sample tested.
Notes:
1. Junction temperature is a function of SRAM power dissipation, package thermal resistance, mounting board temperature, ambient. Temper-
ature air flow, board density, and PCB thermal resistance.
2. SCMI G-38-87.
3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1.
4. For x18 configuration, consult factory.
Capacitance
(TA=25oC, f=1MHZ, VDD=3.3V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Control Input Capacitance
CI
VDD=3.3V
3
4
pF
Input Capacitance
CIN
VIN=0V
4
5
pF
Output Capacitance
COUT
VOUT=0V
6
7
pF
Package Thermal Characteristics
Rating
Layer Board
Symbol
TQFP Max
QFP Max
Unit
Notes
Junction to Ambient (at 200 lfm)
single
RΘJA
40
TBD
°C/W
1,2,4
Junction to Ambient (at 200 lfm)
four
RΘJA
24
TBD
°C/W
1,2,4
Junction to Case (TOP)
RΘJC
9
TBD
°C/W
3,4
20% tKC
VSS-2.0V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
20% tKC
VDD+-2.0V
50%
VDD
VIL


Similar Part No. - GS820H32Q-4I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32A2T-138 GSI-GS820H32A2T-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133 GSI-GS820H32AQ-133 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133I GSI-GS820H32AQ-133I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138 GSI-GS820H32AQ-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138I GSI-GS820H32AQ-138I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results

Similar Description - GS820H32Q-4I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com