Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT2244N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT2244N
Description  Octal buffer/line driver with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2244N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT2244N Datasheet HTML 4Page - NXP Semiconductors 74ABT2244N Datasheet HTML 5Page - NXP Semiconductors 74ABT2244N Datasheet HTML 6Page - NXP Semiconductors 74ABT2244N Datasheet HTML 7Page - NXP Semiconductors 74ABT2244N Datasheet HTML 8Page - NXP Semiconductors 74ABT2244N Datasheet HTML 9Page - NXP Semiconductors 74ABT2244N Datasheet HTML 10Page - NXP Semiconductors 74ABT2244N Datasheet HTML 11Page - NXP Semiconductors 74ABT2244N Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2244
Octal buffer/line driver with 30
Ω series
termination resistors (3-State)
1998 Jan 16
8
SO20:
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1


Similar Part No. - 74ABT2244N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Similar Description - 74ABT2244N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com