Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT2245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT2245
Description  Octal transceiver with direction pin with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2245 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT2245 Datasheet HTML 1Page - NXP Semiconductors 74ABT2245 Datasheet HTML 2Page - NXP Semiconductors 74ABT2245 Datasheet HTML 3Page - NXP Semiconductors 74ABT2245 Datasheet HTML 4Page - NXP Semiconductors 74ABT2245 Datasheet HTML 5Page - NXP Semiconductors 74ABT2245 Datasheet HTML 6Page - NXP Semiconductors 74ABT2245 Datasheet HTML 7Page - NXP Semiconductors 74ABT2245 Datasheet HTML 8Page - NXP Semiconductors 74ABT2245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2245
Octal transceiver with direction pin
and 30
Ω series termination resistors (3-State)
1998 Jan 16
3
LOGIC SYMBOL
A0
A1
A2
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
B5
B6
B7
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
OE
19
DIR
1
SA00122
LOGIC SYMBOL IEEE/IEC
1
2
SA00313
19
1
G3
3 EN2 (AB)
3 EN1 (BA)
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
OE
DIR
An
Bn
L
L
An = Bn
Inputs
L
H
Inputs
Bn = An
H
X
Z
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off” state
SCHEMATIC OF EACH OUTPUT
OUTPUT
VCC
SA00237


Similar Part No. - 74ABT2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245D PHILIPS-74ABT2245D Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245DB PHILIPS-74ABT2245DB Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245N PHILIPS-74ABT2245N Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245PW PHILIPS-74ABT2245PW Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
More results

Similar Description - 74ABT2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com