Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS840E18B-180I Datasheet(PDF) 11 Page - GSI Technology

Part # GS840E18B-180I
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E18B-180I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS840E18B-180I Datasheet HTML 7Page - GSI Technology GS840E18B-180I Datasheet HTML 8Page - GSI Technology GS840E18B-180I Datasheet HTML 9Page - GSI Technology GS840E18B-180I Datasheet HTML 10Page - GSI Technology GS840E18B-180I Datasheet HTML 11Page - GSI Technology GS840E18B-180I Datasheet HTML 12Page - GSI Technology GS840E18B-180I Datasheet HTML 13Page - GSI Technology GS840E18B-180I Datasheet HTML 14Page - GSI Technology GS840E18B-180I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Rev: 2.05 6/2000
11/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
.
GS840E18/32/36T/B-180/166/150/100
Note:
There are pull up devices on LBO and FT pins and a pull down device on the ZZ pin, so those input pins can be unconnected and the chip will
operate in the default states as specified in the above tables.
Burst Counter Sequences
Byte Write Truth Table
Note:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/O’s remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.
Mode Pin Functions
Mode Name
Pin Name State
Function
Burst Order Control
LBO
L
Linear Burst
H or NC
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte A
H
L
L
H
H
H
2, 3
Write byte B
H
L
H
L
H
H
2, 3
Write byte C
H
L
H
H
L
H
2, 3, 4
Write byte D
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Linear Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
Interleaved Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
A[1:0]
A[1:0]
A[1:0]
A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
A[1:0]
A[1:0]
A[1:0]
A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS840E18B-180I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18AB-100 GSI-GS840E18AB-100 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-100I GSI-GS840E18AB-100I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-150 GSI-GS840E18AB-150 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-150I GSI-GS840E18AB-150I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-166 GSI-GS840E18AB-166 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS840E18B-180I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com