Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS880E18T-80I Datasheet(PDF) 5 Page - GSI Technology

Part # GS880E18T-80I
Description  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T-80I Datasheet(HTML) 5 Page - GSI Technology

  GS880E18T-80I Datasheet HTML 1Page - GSI Technology GS880E18T-80I Datasheet HTML 2Page - GSI Technology GS880E18T-80I Datasheet HTML 3Page - GSI Technology GS880E18T-80I Datasheet HTML 4Page - GSI Technology GS880E18T-80I Datasheet HTML 5Page - GSI Technology GS880E18T-80I Datasheet HTML 6Page - GSI Technology GS880E18T-80I Datasheet HTML 7Page - GSI Technology GS880E18T-80I Datasheet HTML 8Page - GSI Technology GS880E18T-80I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Rev: 1.11 11/2000
5/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
TQFP Pin Description
Pin Location
Symbol
Typ
e
Description
37, 36
A0, A1
I
Address field LSBs and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45, 46,
47, 48, 49, 50, 43
A2–A17
I
Address Inputs
80
A18
I
Address Inputs
63, 62, 59, 58, 57, 56, 53, 52
68, 69, 72, 73, 74, 75, 78, 79
13, 12, 9, 8, 7, 6, 3, 2
18, 19, 22, 23, 24, 25, 28, 29
DQA1–DQA8
DQB1–DQB8
DQC1–DQC8
DQD1–DQD8
I/O
Data Input and Output pins (x32, x36 Version)
51, 80, 1, 30
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins
51, 80, 1, 30
NC
No Connect (x32 Version)
58, 59, 62, 63, 68, 69, 72, 73, 74
8, 9, 12, 13, 18, 19, 22, 23, 24
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins
51, 52, 53, 56, 57
75, 78, 79,
1, 2, 3, 6, 7
25, 28, 29, 30
NC
No Connect
87
BW
I
Byte Write—Writes all enabled bytes; active low
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/Os; active low (x32, x36
Version)
95, 96
NC
No Connect (x18 Version)
89
CK
I
Clock Input Signal; active high
88
GW
I
Global Write Enable—Writes all bytes; active low
98, 92
E1, E3
I
Chip Enable; active low
97
E2
I
Chip Enable; active high
86
G
I
Output Enable; active low
83
ADV
I
Burst address counter advance enable; active low
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
64
ZZ
I
Sleep mode control; active high
14
FT
I
Flow Through or Pipeline mode; active low
31
LBO
I
Linear Burst Order mode; active low
15, 41, 65, 91
VDD
I
Core power supply
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply
16, 38, 39, 42, 66
NC
No Connect.


Similar Part No. - GS880E18T-80I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Similar Description - GS880E18T-80I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com