Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881E18T Datasheet(PDF) 2 Page - GSI Technology

Part # GS881E18T
Description  512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E18T Datasheet(HTML) 2 Page - GSI Technology

  GS881E18T Datasheet HTML 1Page - GSI Technology GS881E18T Datasheet HTML 2Page - GSI Technology GS881E18T Datasheet HTML 3Page - GSI Technology GS881E18T Datasheet HTML 4Page - GSI Technology GS881E18T Datasheet HTML 5Page - GSI Technology GS881E18T Datasheet HTML 6Page - GSI Technology GS881E18T Datasheet HTML 7Page - GSI Technology GS881E18T Datasheet HTML 8Page - GSI Technology GS881E18T Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Rev: 1.10 9/2000
2/34
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS881E18/36T-11/11.5/100/80/66
GS881E18 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQB1
DQB2
VSS
VDDQ
DQB3
DQB4
FT
VDD
DP
VSS
DQB5
DQB6
VDDQ
VSS
DQB7
DQB8
DQB9
VSS
VDDQ
VDDQ
VSS
DQA8
DQA7
VSS
VDDQ
DQA6
DQA5
VSS
QE
VDD
ZZ
DQA4
DQA3
VDDQ
VSS
DQA2
DQA1
VSS
VDDQ
512K X 18
Top View
DQA9
A18
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Similar Part No. - GS881E18T

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS881E18T

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com