Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36T-66 Datasheet(PDF) 4 Page - GSI Technology

Part # GS881Z36T-66
Description  8Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36T-66 Datasheet(HTML) 4 Page - GSI Technology

  GS881Z36T-66 Datasheet HTML 1Page - GSI Technology GS881Z36T-66 Datasheet HTML 2Page - GSI Technology GS881Z36T-66 Datasheet HTML 3Page - GSI Technology GS881Z36T-66 Datasheet HTML 4Page - GSI Technology GS881Z36T-66 Datasheet HTML 5Page - GSI Technology GS881Z36T-66 Datasheet HTML 6Page - GSI Technology GS881Z36T-66 Datasheet HTML 7Page - GSI Technology GS881Z36T-66 Datasheet HTML 8Page - GSI Technology GS881Z36T-66 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev: 1.10 8/2000
4/34
© 1998, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary.
GS881Z18/36T-11/100/80/66
100-Pin TQFP Pin Descriptions
Pin Location
Symbol Type
Description
37, 36
A0, A1
In
Burst Address Inputs—Preload the burst counter
35, 34, 33, 32, 100, 99, 83, 82,
81, 50, 49, 48, 47, 46, 45, 44
A2–A17
In
Address Inputs
80
A18
In
Address Input (x18 Version Only)
89
CK
In
Clock Input Signal
93
BA
In
Byte Write signal for data inputs DQA1–DQA9; active low
94
BB
In
Byte Write signal for data inputs DQB1–DQB9; active low
95
BC
In
Byte Write signal for data inputs DQC1–DQC9; active low (x36 Version Only)
96
BD
In
Byte Write signal for data inputs DQD1–DQD9; active low (x36 Version Only)
88
W
In
Write Enable; active low
98
E1
In
Chip Enable; active low
97
E2
In
Chip Enable; active high; for self decoded depth expansion
92
E3
In
Chip Enable; active low; for self decoded depth expansion
86
G
In
Output Enable; active low
85
ADV
In
Advance/Load—Burst address counter control pin
87
CKE
In
Clock Input Buffer Enable; active low
58, 59, 62,63, 68, 69, 72, 73, 74 DQA1–DQA9
I/O
Byte A Data Input and Output pins (x18 Version Only)
8, 9, 12, 13, 18, 19, 22, 23, 24
DQB1–DQB9
I/O
Byte B Data Input and Output pins (x18 Version Only)
51, 52, 53, 56, 57, 75, 78, 79,
1, 2, 3, 6, 7, 25, 28, 29, 30
NC
No Connect (x18 Version Only)
51, 52, 53, 56, 57, 58, 59, 62,63 DQA1–DQA9
I/O
Byte A Data Input and Output pins (x36 Versions Only)
68, 69, 72, 73, 74, 75, 78, 79, 80 DQB1–DQB9
I/O
Byte B Data Input and Output pins (x36 Versions Only)
1, 2, 3, 6, 7, 8, 9, 12, 13
DQC1–DQC9
I/O
Byte C Data Input and Output pins (x36 Versions Only)
18, 19, 22, 23, 24, 25, 28, 29, 30 DQD1–DQD9
I/O
Byte D Data Input and Output pins (x36 Versions Only)
64
ZZ
In
Power down control; active high
14
FT
In
Pipeline/Flow Through Mode Control; active low
31
LBO
In
Linear Burst Order; active low


Similar Part No. - GS881Z36T-66

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36AT-133 GSI-GS881Z36AT-133 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-133I GSI-GS881Z36AT-133I Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-150 GSI-GS881Z36AT-150 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-150I GSI-GS881Z36AT-150I Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-166 GSI-GS881Z36AT-166 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36T-66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
GSI Technology
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com