Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36T-66 Datasheet(PDF) 8 Page - GSI Technology

Part # GS881Z36T-66
Description  8Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36T-66 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS881Z36T-66 Datasheet HTML 4Page - GSI Technology GS881Z36T-66 Datasheet HTML 5Page - GSI Technology GS881Z36T-66 Datasheet HTML 6Page - GSI Technology GS881Z36T-66 Datasheet HTML 7Page - GSI Technology GS881Z36T-66 Datasheet HTML 8Page - GSI Technology GS881Z36T-66 Datasheet HTML 9Page - GSI Technology GS881Z36T-66 Datasheet HTML 10Page - GSI Technology GS881Z36T-66 Datasheet HTML 11Page - GSI Technology GS881Z36T-66 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Rev: 1.10 8/2000
8/34
© 1998, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary.
GS881Z18/36T-11/100/80/66
Synchronous Truth Table
Operation
Type Address E1 E2 E3 ZZ ADV W Bx G CKE CK
DQ
Notes
Deselect Cycle, Power Down
D
None
H
X
X
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Power Down
D
None
X
X
H
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Power Down
D
None
X
L
X
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Continue
D
None
X
X
X
L
H
X
X
X
L
L-H High-Z
1
Read Cycle, Begin Burst
R
External
L
H
L
L
L
H
X
L
L
L-H
Q
Read Cycle, Continue Burst
B
Next
X
X
X
L
H
X
X
L
L
L-H
Q
1,10
NOP/Read, Begin Burst
R
External
L
H
L
L
L
H
X
H
L
L-H High-Z
2
Dummy Read, Continue Burst
B
Next
X
X
X
L
H
X
X
H
L
L-H High-Z
1,2,10
Write Cycle, Begin Burst
W
External
L
H
L
L
L
L
L
X
L
L-H
D
3
Write Cycle, Continue Burst
B
Next
X
X
X
L
H
X
L
X
L
L-H
D
1,3,10
NOP/Write Abort, Begin Burst
W
None
L
H
L
L
L
L
H
X
L
L-H High-Z
2,3
Write Abort, Continue Burst
B
Next
X
X
X
L
H
X
H
X
L
L-H High-Z 1,2,3,10
Clock Edge Ignore, Stall
Current
X
X
X
L
X
X
X
X
H
L-H
-
4
Sleep Mode
None
X
X
X
H
X
X
X
X
X
X
High-Z
Notes:
1. Continue Burst cycles, whether read or write, use the same control inputs; a Deselect continue cycle can only be entered into if a Deselect
cycle is executed first
2. Dummy read and write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W pin is
sampled low but no Byte Write pins are active, so no Write operation is performed.
3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during Write
cycles.
4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus
will remain in High Z.
5.
X = Don’t Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write signals
are Low
6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge.
7. Wait states can be inserted by setting CKE high.
8. This device contains circuitry that ensures all outputs are in High Z during power-up.
9. A 2-bit burst counter is incorporated.
10. The address counter is incriminated for all Burst continue cycles.


Similar Part No. - GS881Z36T-66

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36AT-133 GSI-GS881Z36AT-133 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-133I GSI-GS881Z36AT-133I Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-150 GSI-GS881Z36AT-150 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-150I GSI-GS881Z36AT-150I Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36AT-166 GSI-GS881Z36AT-166 Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36T-66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
GSI Technology
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com