Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS882V36BB-250 Datasheet(PDF) 9 Page - GSI Technology

Part # GS882V36BB-250
Description  512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882V36BB-250 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS882V36BB-250 Datasheet HTML 5Page - GSI Technology GS882V36BB-250 Datasheet HTML 6Page - GSI Technology GS882V36BB-250 Datasheet HTML 7Page - GSI Technology GS882V36BB-250 Datasheet HTML 8Page - GSI Technology GS882V36BB-250 Datasheet HTML 9Page - GSI Technology GS882V36BB-250 Datasheet HTML 10Page - GSI Technology GS882V36BB-250 Datasheet HTML 11Page - GSI Technology GS882V36BB-250 Datasheet HTML 12Page - GSI Technology GS882V36BB-250 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
GS882V18/36BB/D-333/300/250/200
Rev: 1.02 3/2005
9/36
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Note:
There are pull-up devices onthe ZQ, SCD, and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the
chip will operate in the default states as specified in the above tables.
Burst Counter Sequences
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Single/Dual Cycle Deselect Control
SCD
L
Dual Cycle Deselect
H or NC
Single Cycle Deselect
FLXDrive Output Impedance Control
ZQ
L
High Drive (Low Impedance)
H or NC
Low Drive (High Impedance)
9th Bit Enable
PE
L
Activate DQPx I/Os (x18/x36 mode)
H or NC
Deactivate DQPx I/Os (x16/x32 mode)
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS882V36BB-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200 GSI-GS882V37AB-200 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200I GSI-GS882V37AB-200I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225 GSI-GS882V37AB-225 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225I GSI-GS882V37AB-225I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results

Similar Description - GS882V36BB-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88237BB-V GSI-GS88237BB-V Datasheet
1Mb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com