Selected language     English  ▼


GS881Z32BT-250IV Datasheet(PDF) 1 Page - GSI Technology

Part No. GS881Z32BT-250IV
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 1 page
background image
GS881Z18/32/36B(T/D)-xxxV
9Mb Pipelined and Flow Through
Synchronous NBT SRAM
250 MHz–150 MHz
1.8 V or 2.5 V VDD
1.8 V or 2.5 V I/O
100-Pin TQFP & 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.00 6/2006
1/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• User-configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip write parity checking; even or odd selectable
• 1.8 V or 2.5 V core power supply
• 1.8 V or 2.5 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 18M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ pin for automatic power-down
• JEDEC-standard packages
• RoHS-compliant 100-lead TQFP and 165-bump BGA
packages available
Functional Description
The GS881Z18/32/36B(T/D)-xxxV is a 9Mbit Synchronous
Static SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL
or other pipelined read/double late write or flow through read/
single late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable, ZZ and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS881Z18/32/36B(T/D)-xxxV may be configured by the
user to operate in Pipeline or Flow Through mode. Operating
as a pipelined synchronous device, in addition to the rising-
edge-triggered registers that capture input signals, the device
incorporates a rising-edge-triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS881Z18/32/36B(T/D)-xxxV is implemented with GSI's
high performance CMOS technology and is available in
JEDEC-standard 100-pin TQFP and 165-bump BGA packages.
Paramter Synopsis
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
3.0
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
200
230
170
195
140
160
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
160
185
140
160
128
145
mA
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS880ZV18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18AT-1339Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18AT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18AB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18BB-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882ZV18BB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl