Selected language     English  ā–¼


GS881Z36AT-200I Datasheet(PDF) 7 Page - GSI Technology

Part No. GS881Z36AT-200I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 7 page
background image
GS881Z18/36AT-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
7/31
Ā© 2001, GSI Technology
Synchronous Truth Table
Operation
Type Address CK CKE ADV W Bx E1 E2 E3 G ZZ
DQ
Notes
Read Cycle, Begin Burst
R
External
L-H
L
L
H
X
L
H
L
L
L
Q
Read Cycle, Continue Burst
B
Next
L-H
L
H
X
X
X
X
X
L
L
Q
1,10
NOP/Read, Begin Burst
R
External
L-H
L
L
H
X
L
H
L
H
L
High-Z
2
Dummy Read, Continue Burst
B
Next
L-H
L
H
X
X
X
X
X
H
L
High-Z
1,2,10
Write Cycle, Begin Burst
W
External
L-H
L
L
L
L
L
H
L
X
L
D
3
Write Cycle, Continue Burst
B
Next
L-H
L
H
X
L
X
X
X
X
L
D
1,3,10
Write Abort, Continue Burst
B
Next
L-H
L
H
X
H
X
X
X
X
L
High-Z 1,2,3,10
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
H
X
X
X
L
High-Z
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
X
X
H
X
L
High-Z
Deselect Cycle, Power Down
D
None
L-H
L
L
X
X
X
L
X
X
L
High-Z
Deselect Cycle
D
None
L-H
L
L
L
H
L
H
L
X
L
High-Z
1
Deselect Cycle, Continue
D
None
L-H
L
H
X
X
X
X
X
X
L
High-Z
1
Sleep Mode
None
X
X
X
X
X
X
X
X
X
H
High-Z
Clock Edge Ignore, Stall
Current
L-H
H
X
X
X
X
X
X
X
L
-
4
Notes:
1. Continue Burst cycles, whether read or write, use the same control inputs. A Deselect continue cycle can only be entered into if a Dese-
lect cycle is executed first.
2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W
pin is sampled low but no Byte Write pins are active so no write operation is performed.
3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during
write cycles.
4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus
will remain in High Z.
5.
X = Donā€™t Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write
signals are Low
6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge.
7. Wait states can be inserted by setting CKE high.
8. This device contains circuitry that ensures all outputs are in High Z during power-up.
9. A 2-bit burst counter is incorporated.
10. The address counter is incriminated for all Burst continue cycles.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS880ZV18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18AT-1339Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18BT-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18AB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18BB-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882ZV18BB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl