Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT240D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT240D
Description  Octal inverting buffer 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT240D Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT240D Datasheet HTML 1Page - NXP Semiconductors 74ABT240D Datasheet HTML 2Page - NXP Semiconductors 74ABT240D Datasheet HTML 3Page - NXP Semiconductors 74ABT240D Datasheet HTML 4Page - NXP Semiconductors 74ABT240D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
74ABT240
Octal inverting buffer (3-State)
1996 Sep 10
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VI or VO ≤ 4.5V;
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-state
output current3
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
50
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
50
250
250
µA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC 5V ± 10% a
transition time of up to 100
µsec is permitted.


Similar Part No. - 74ABT240D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CMSA FAIRCHILD-74ABT240CMSA Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CMTC FAIRCHILD-74ABT240CMTC Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CSC FAIRCHILD-74ABT240CSC Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CSJ FAIRCHILD-74ABT240CSJ Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ABT240D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com