Selected language     English  ▼


GS881Z36AT-166I Datasheet(PDF) 4 Page - GSI Technology

Part No. GS881Z36AT-166I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

 
 4 page
background image
GS881Z18/36AT-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
4/31
© 2001, GSI Technology
100-Pin TQFP Pin Descriptions
Symbol
Type
Description
A0, A1
In
Burst Address Inputs; Preload the burst counter
An
In
Address Inputs
CK
In
Clock Input Signal
BA
In
Byte Write signal for data inputs DQA1–DQA9; active low
BB
In
Byte Write signal for data inputs DQB1–DQB9; active low
BC
In
Byte Write signal for data inputs DQC1–DQC9; active low
BD
In
Byte Write signal for data inputs DQD1–DQD9; active low
W
In
Write Enable; active low
E1
In
Chip Enable; active low
E2
In
Chip Enable—Active High. For self decoded depth expansion
E3
In
Chip Enable—Active Low. For self decoded depth expansion
G
In
Output Enable; active low
ADV
In
Advance/Load; Burst address counter control pin
CKE
In
Clock Input Buffer Enable; active low
NC
No Connect
DQA
I/O
Byte A Data Input and Output pins
DQB
I/O
Byte B Data Input and Output pins
DQC
I/O
Byte C Data Input and Output pins
DQD
I/O
Byte D Data Input and Output pins
ZZ
In
Power down control; active high
FT
In
Pipeline/Flow Through Mode Control; active low
LBO
In
Linear Burst Order; active low.
VDD
In
Core power supply
VSS
In
Ground
VDDQ
In
Output driver power supply




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS880ZV18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18AT-1339Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS881Z18BT-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18B9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18AB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882Z18BB-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS882ZV18BB9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18BT9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology
GS880Z18-V9Mb Pipelined and Flow Through Synchronous NBT SRAM 1 2 3 4 5 MoreGSI Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl