Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8160E36BT-200V Datasheet(PDF) 2 Page - GSI Technology

Part # GS8160E36BT-200V
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160E36BT-200V Datasheet(HTML) 2 Page - GSI Technology

  GS8160E36BT-200V Datasheet HTML 1Page - GSI Technology GS8160E36BT-200V Datasheet HTML 2Page - GSI Technology GS8160E36BT-200V Datasheet HTML 3Page - GSI Technology GS8160E36BT-200V Datasheet HTML 4Page - GSI Technology GS8160E36BT-200V Datasheet HTML 5Page - GSI Technology GS8160E36BT-200V Datasheet HTML 6Page - GSI Technology GS8160E36BT-200V Datasheet HTML 7Page - GSI Technology GS8160E36BT-200V Datasheet HTML 8Page - GSI Technology GS8160E36BT-200V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
VSS
VDDQ
VDDQ
VSS
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
1M x 18
Top View
DQPA
A
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT
GS8160ExxBT-xxxV
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 5/2006
2/23
© 2004, GSI Technology
GS8160E18BT-xxxV 100-Pin TQFP Pinout


Similar Part No. - GS8160E36BT-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160E36BT-200 GSI-GS8160E36BT-200 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E36BT-200I GSI-GS8160E36BT-200I Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160E36BT-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com