Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36AT-150I Datasheet(PDF) 13 Page - GSI Technology

Part # GS881Z36AT-150I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36AT-150I Datasheet(HTML) 13 Page - GSI Technology

Back Button GS881Z36AT-150I Datasheet HTML 9Page - GSI Technology GS881Z36AT-150I Datasheet HTML 10Page - GSI Technology GS881Z36AT-150I Datasheet HTML 11Page - GSI Technology GS881Z36AT-150I Datasheet HTML 12Page - GSI Technology GS881Z36AT-150I Datasheet HTML 13Page - GSI Technology GS881Z36AT-150I Datasheet HTML 14Page - GSI Technology GS881Z36AT-150I Datasheet HTML 15Page - GSI Technology GS881Z36AT-150I Datasheet HTML 16Page - GSI Technology GS881Z36AT-150I Datasheet HTML 17Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
GS881Z18/36AT-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
13/31
© 2001, GSI Technology
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of
this component.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
–0.5 to 4.6
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 (≤ 4.6 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDD +0.5 (≤ 4.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA
IOUT
Output Current on Any I/O Pin
+/–20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
–55 to 125
oC
TBIAS
Temperature Under Bias
–55 to 125
oC
Power Supply Voltage Ranges
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
3.3 V Supply Voltage
VDD3
3.0
3.3
3.6
V
2.5 V Supply Voltage
VDD2
2.3
2.5
2.7
V
3.3 V VDDQ I/O Supply Voltage
VDDQ3
3.0
3.3
3.6
V
2.5 V VDDQ I/O Supply Voltage
VDDQ2
2.3
2.5
2.7
V
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.


Similar Part No. - GS881Z36AT-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BD-150 GSI-GS881Z36BD-150 Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150I GSI-GS881Z36BD-150I Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150IT GSI-GS881Z36BD-150IT Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150IV GSI-GS881Z36BD-150IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BD-150T GSI-GS881Z36BD-150T Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36AT-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com