Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8160V36AT-333I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8160V36AT-333I
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160V36AT-333I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8160V36AT-333I Datasheet HTML 4Page - GSI Technology GS8160V36AT-333I Datasheet HTML 5Page - GSI Technology GS8160V36AT-333I Datasheet HTML 6Page - GSI Technology GS8160V36AT-333I Datasheet HTML 7Page - GSI Technology GS8160V36AT-333I Datasheet HTML 8Page - GSI Technology GS8160V36AT-333I Datasheet HTML 9Page - GSI Technology GS8160V36AT-333I Datasheet HTML 10Page - GSI Technology GS8160V36AT-333I Datasheet HTML 11Page - GSI Technology GS8160V36AT-333I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Rev: 1.00a 6/2003
8/24
© 2003, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS8160V18/32/36AT-350/333/300/250/200/150
Preliminary
Byte Write Truth Table
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
HHHH
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
LLLLL
2, 3, 4
Write all bytes
L
XXXX
X


Similar Part No. - GS8160V36AT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V36CGT-250 GSI-GS8160V36CGT-250 Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V36CGT-250I GSI-GS8160V36CGT-250I Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V36CGT-300 GSI-GS8160V36CGT-300 Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V36CGT-300I GSI-GS8160V36CGT-300I Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V36CGT-333 GSI-GS8160V36CGT-333 Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160V36AT-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com