Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8160V18CT-300 Datasheet(PDF) 3 Page - GSI Technology

Part # GS8160V18CT-300
Description  1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160V18CT-300 Datasheet(HTML) 3 Page - GSI Technology

  GS8160V18CT-300 Datasheet HTML 1Page - GSI Technology GS8160V18CT-300 Datasheet HTML 2Page - GSI Technology GS8160V18CT-300 Datasheet HTML 3Page - GSI Technology GS8160V18CT-300 Datasheet HTML 4Page - GSI Technology GS8160V18CT-300 Datasheet HTML 5Page - GSI Technology GS8160V18CT-300 Datasheet HTML 6Page - GSI Technology GS8160V18CT-300 Datasheet HTML 7Page - GSI Technology GS8160V18CT-300 Datasheet HTML 8Page - GSI Technology GS8160V18CT-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
GS8160V18/36CT-333/300/250
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00 9/2004
3/21
© 2004, GSI Technology
GS8160V36C 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC
DQC
VSS
VDDQ
DQC
DQC
VDD
NC
VSS
DQD
DQD
VDDQ
VSS
DQD
DQD
DQD
VSS
VDDQ
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
512K x 36
Top View
DQB
DQPB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQPA
DQC
DQC
DQC
DQD
DQD
DQD
DQPD
DQC
DQPC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT


Similar Part No. - GS8160V18CT-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-150 GSI-GS8160V18AT-150 Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-150I GSI-GS8160V18AT-150I Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-200 GSI-GS8160V18AT-200 Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT-200I GSI-GS8160V18AT-200I Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160V18CT-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS816118C GSI-GS816118C Datasheet
769Kb / 29P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com