Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BGT-250V Datasheet(PDF) 11 Page - GSI Technology

Part # GS881Z36BGT-250V
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BGT-250V Datasheet(HTML) 11 Page - GSI Technology

Back Button GS881Z36BGT-250V Datasheet HTML 7Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 8Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 9Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 10Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 11Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 12Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 13Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 14Page - GSI Technology GS881Z36BGT-250V Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
GS881Z18/32/36B(T/D)-xxxV
Rev: 1.00 6/2006
11/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Functional Details
Clocking
Deassertion of the Clock Enable (CKE) input blocks the Clock input from reaching the RAM's internal circuits. It may be used to
suspend RAM operations. Failure to observe Clock Enable set-up or hold requirements will result in erratic operation.
Pipeline Mode Read and Write Operations
All inputs (with the exception of Output Enable, Linear Burst Order and Sleep) are synchronized to rising clock edges. Single cycle
read and write operations must be initiated with the Advance/Load pin (ADV) held low, in order to load the new address. Device
activation is accomplished by asserting all three of the Chip Enable inputs (E1, E2 and E3). Deassertion of any one of the Enable
inputs will deactivate the device.
Function
W
BA
BB
BC
BD
Read
H
X
X
X
X
Write Byte “a”
L
L
H
H
H
Write Byte “b”
L
H
L
H
H
Write Byte “c”
L
H
H
L
H
Write Byte “d”
L
H
H
H
L
Write all Bytes
L
L
L
L
L
Write Abort/NOP
L
H
H
H
H
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: CKE is asserted low, all three
chip enables (E1, E2, and E3) are active, the write enable input signals W is deasserted high, and ADV is asserted low. The address
presented to the address inputs is latched in to address register and presented to the memory core and control logic. The control
logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At
the next rising edge of clock the read data is allowed to propagate through the output register and onto the output pins.
Write operation occurs when the RAM is selected, CKE is active and the write input is sampled low at the rising edge of clock. The
Byte Write Enable inputs (BA, BB, BC & BD) determine which bytes will be written. All or none may be activated. A write cycle
with no Byte Write inputs active is a no-op cycle. The pipelined NBT SRAM provides double late write functionality, matching the
write command versus data pipeline length (2 cycles) to the read command versus data pipeline length (2 cycles). At the first rising
edge of clock, Enable, Write, Byte Write(s), and Address are registered. The Data In associated with that address is required at the
third rising edge of clock.
Flow Through Mode Read and Write Operations
Operation of the RAM in Flow Through mode is very similar to operations in Pipeline mode. Activation of a read cycle and the use
of the Burst Address Counter is identical. In Flow Through mode the device may begin driving out new data immediately after new
address are clocked into the RAM, rather than holding new data until the following (second) clock edge. Therefore, in Flow
Through mode the read pipeline is one cycle shorter than in Pipeline mode.
Write operations are initiated in the same way, but differ in that the write pipeline is one cycle shorter as well, preserving the ability
to turn the bus from reads to writes without inserting any dead cycles. While the pipelined NBT RAMs implement a double late
write protocol, in Flow Through mode a single late write protocol mode is observed. Therefore, in Flow Through mode, address
and control are registered on the first rising edge of clock and data in is required at the data input pins at the second rising edge of
clock.


Similar Part No. - GS881Z36BGT-250V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BGT-250 GSI-GS881Z36BGT-250 Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-250I GSI-GS881Z36BGT-250I Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-250IT GSI-GS881Z36BGT-250IT Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-250T GSI-GS881Z36BGT-250T Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BGT-250V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com