Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8160F18BT-5.5I Datasheet(PDF) 6 Page - GSI Technology

Part # GS8160F18BT-5.5I
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160F18BT-5.5I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS8160F18BT-5.5I Datasheet HTML 2Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 3Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 4Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 5Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 6Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 7Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 8Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 9Page - GSI Technology GS8160F18BT-5.5I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GS8160F18/32/36BT-5.5/6.5/7.5
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 9/2005
6/22
© 2004, GSI Technology
GS8160F18/32/36B Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
Counter
Load
DQ
DQ
Register
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
A0–An
LBO
ADV
CK
ADSC
ADSP
GW
BW
E1
G
ZZ
Power Down
Control
Memory
Array
36
36
4
A
QD
E2
E3
DQx1–DQx9
Note: Only x36 version shown for simplicity.
1
BA
BB
BC
BD
0


Similar Part No. - GS8160F18BT-5.5I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160F18BT-5.5IV GSI-GS8160F18BT-5.5IV Datasheet
860Kb / 21P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160F18BT-5.5I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com