Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BGT-150V Datasheet(PDF) 24 Page - GSI Technology

Part # GS881Z36BGT-150V
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BGT-150V Datasheet(HTML) 24 Page - GSI Technology

Back Button GS881Z36BGT-150V Datasheet HTML 20Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 21Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 22Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 23Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 24Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 25Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 26Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 27Page - GSI Technology GS881Z36BGT-150V Datasheet HTML 28Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
GS881Z18/32/36B(T/D)-xxxV
Rev: 1.00 6/2006
24/37
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Flow Through Mode Timing (NBT)
Write A
Write B
Write B+1
Read C
Cont
Read D
Write E
Read F
Write G
D(A)
D(B)
D(B+1)
Q(C)
Q(D)
D(E)
Q(F)
D(G)
tOLZ
tOE
tOHZ
tKQX
tKQ
tLZ
tHZ
tKQX
tKQ
tLZ
tH
tS
tH
tS
tH
tS
tH
tS
tH
tS
tH
tS
tH
tS
tKC
tKC
tKL
tKL
tKH
tKH
AB
C
D
E
F
G
*Note: E = High(False) if E1 = 1 or E2 = 0 or E3 = 1
CK
CKE
E
ADV
W
Bn
A0–An
DQ
G
JTAG Port Operation
Overview
The JTAG Port on this RAM operates in a manner that is compliant with IEEE Standard 1149.1-1990, a serial boundary scan
interface standard (commonly referred to as JTAG). The JTAG Port input interface levels scale with VDD. The JTAG output
drivers are powered by VDDQ.
Disabling the JTAG Port
It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless
clocked. TCK, TDI, and TMS are designed with internal pull-up circuits.To assure normal operation of the RAM with the JTAG
Port unused, TCK, TDI, and TMS may be left floating or tied to either VDD or VSS. TDO should be left unconnected.


Similar Part No. - GS881Z36BGT-150V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BGT-150 GSI-GS881Z36BGT-150 Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-150I GSI-GS881Z36BGT-150I Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-150IT GSI-GS881Z36BGT-150IT Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z36BGT-150T GSI-GS881Z36BGT-150T Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BGT-150V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com