Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2924FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB2924FG
Description  Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2924FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB2924FG Datasheet HTML 5Page - Toshiba Semiconductor TB2924FG Datasheet HTML 6Page - Toshiba Semiconductor TB2924FG Datasheet HTML 7Page - Toshiba Semiconductor TB2924FG Datasheet HTML 8Page - Toshiba Semiconductor TB2924FG Datasheet HTML 9Page - Toshiba Semiconductor TB2924FG Datasheet HTML 10Page - Toshiba Semiconductor TB2924FG Datasheet HTML 11Page - Toshiba Semiconductor TB2924FG Datasheet HTML 12Page - Toshiba Semiconductor TB2924FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TB2924FG
2006-01-25
9
Example Application Circuit
*: Output L (4
Ω ): 10 µH (A7502BY-180M: TOKO, INC.)
*: Output C (4
Ω): 1.0 µF
*: Output L (8
Ω): 18 µH (A7502BY-180M: TOKO, INC.)
*: Output C (8
Ω): 0.47 µF
*: The application circuits shown in this document are provided for reference purposes only. Especially, thorough
evaluation is required on the phase of mass production design.
Toshiba dose not grant the use of any industrial property rights with these examples of application circuits.
*: When no signal is present, the power supply current varies with the characteristics of the output inductance (Out L).
*: For all capacitors that are not indicated by the electrolytic capacitor symbol, use ceramic capacitors with an
appropriate withstand voltage.
ΟυτC
1
2
3
4
5
6
7
8
9
10
11
12
28
29
30
19
20
21
22
23
24
25
26
27
OUT1
(
−)
13
14
15
16
17
18
31
32
33
34
35
36
Heat sink
Heat sink
VREG
BOOT
1 (
+)
OUT
1 (
+) NC
PW
GND1
PW
VCC1
NC
BOOT
1 (
−)
FEED
1 (
+)
Pre
GND1 Rip/F
NC
IN1
FEED
1 (
−)
VCC/2
STBY MUTE
NC
NC BOOT
2 (
+)
OUT
2 (
+)
PW
GND2
OUT
2 (
−)
PW
VCC2
NC BOOT
2 (
−)
OSC
OUT
Pre
GND2
OSC
SW
IN2 FEED
2 (
−)
FEED
2 (
+)
NC
OSC
IN
Pre
VCC
IN1
0.1
µF
ΟυτC
ΟυτC
RL 8 Ω
1
µF
0.1
µF
ΟυτC
RL 8 Ω
1
µF
GND
IN2
1
µF
1000
µF
VCC
0.1
µF
4.7
µF
OUT2
(
+)
OUT2
(
−)
OUT1
(
+)
OUT1
(
−)


Similar Part No. - TB2924FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
More results

Similar Description - TB2924FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
logo
NXP Semiconductors
TDA8954 NXP-TDA8954 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8953 PHILIPS-TDA8953_15 Datasheet
756Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8954 PHILIPS-TDA8954_15 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Hitachi Semiconductor
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
   34 W 횞 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
   37 W 횞 4-Channel BTL Power IC
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com