Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DD36C Datasheet(PDF) 4 Page - GSI Technology

Part # GS8170DD36C
Description  18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DD36C Datasheet(HTML) 4 Page - GSI Technology

  GS8170DD36C Datasheet HTML 1Page - GSI Technology GS8170DD36C Datasheet HTML 2Page - GSI Technology GS8170DD36C Datasheet HTML 3Page - GSI Technology GS8170DD36C Datasheet HTML 4Page - GSI Technology GS8170DD36C Datasheet HTML 5Page - GSI Technology GS8170DD36C Datasheet HTML 6Page - GSI Technology GS8170DD36C Datasheet HTML 7Page - GSI Technology GS8170DD36C Datasheet HTML 8Page - GSI Technology GS8170DD36C Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
GS8170DD36C-333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.03 1/2005
4/29
© 2002, GSI Technology, Inc.
Read Operations
Double Data Rate Read
In applications where a data rate markedly faster than the RAM’s latency is desired, the Double Data Rate protocol doubles the
data transfer rate (read or write bandwidth) achieved in Pipeline mode while keeping the RAM’s clock frequency constant. In
Double Data Rate mode, the RAM multiplexes the results of a read out of the RAM on half the usual number of data pins. The
output register/mux behaves just as if it were in Pipeline mode for the first transfer, but then makes a second transfer in response to
the next falling edge of clock as well. SigmaRAM DDR RAMs burst in linear order only.
Write Operations
Write operation occurs when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1, E2, and
E3) are active, the write enable input signal (W) is asserted low, and ADV is asserted low.
Double Data Rate Write
A Double Data Rate Write is a specialized form of Late Write. In Double Data Rate mode, the RAM will capture Data In on both
rising and falling edges of the RAM clock, CK, beginning with the rising edge of clock that follows the capture of the write address
and command.
Double Data Rate Pipelined Read
QA0
QA1
QC0
QC1
QD0
QD1
CK
Read
Deselect
AXX
F
Read
Read
Read
ADV
DE
C
/E1
/W
DQ
Address
CQ
Key
Hi-Z
Access


Similar Part No. - GS8170DD36C

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250 GSI-GS8170DW36AC-250 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-250I GSI-GS8170DW36AC-250I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300 GSI-GS8170DW36AC-300 Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC-300I GSI-GS8170DW36AC-300I Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DD36C

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36AC GSI-GS8170DW36AC Datasheet
1,004Kb / 32P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com