Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8162Z72CGC-250I Datasheet(PDF) 27 Page - GSI Technology

Part # GS8162Z72CGC-250I
Description  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8162Z72CGC-250I Datasheet(HTML) 27 Page - GSI Technology

Back Button GS8162Z72CGC-250I Datasheet HTML 21Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 22Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 23Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 24Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 25Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 26Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 27Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 28Page - GSI Technology GS8162Z72CGC-250I Datasheet HTML 29Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
GS8162Z72CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 3/2005
27/29
© 2004, GSI Technology
209 BGA Package Drawing (Package C)
14 mm x 22 mm Body, 1.0 mm Bump Pitch, 11 x 19 Bump Array
Symbol
Min
Typ
Max
Units
Symbol
Min
Typ
Max
Units
A
1.70
mm
D1
18.0 (BSC)
mm
A1
0.40
0.50
0.60
mm
E
13.9
14.0
14.1
mm
∅b
0.50
0.60
0.70
mm
E1
10.0 (BSC)
mm
c
0.31
0.36
0.38
mm
e
1.00 (BSC)
mm
D
21.9
22.0
22.1
mm
aaa
—0.15—
mm
Rev 1.0
A
A1
C
∅b
e
e
D1
D
aaa
Bottom View
Side View


Similar Part No. - GS8162Z72CGC-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z72CGC-250IV GSI-GS8162Z72CGC-250IV Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8162Z72CGC-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com