Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW36AC-300I Datasheet(PDF) 19 Page - GSI Technology

Part # GS8170DW36AC-300I
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW36AC-300I Datasheet(HTML) 19 Page - GSI Technology

Back Button GS8170DW36AC-300I Datasheet HTML 15Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 16Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 17Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 18Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 19Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 20Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 21Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 22Page - GSI Technology GS8170DW36AC-300I Datasheet HTML 23Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
19/32
© 2003, GSI Technology
AC Electrical Characteristics
Parameter
Symbol
-350
-333
-300
-250
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Clock Cycle Time
tKHKH
2.86
3.0
3.3
4.0
ns
Clock High Time
tKHKL
1.0
1.2
1.3
1.6
ns
Clock Low Time
tKLKH
1.0
1.2
1.3
1.6
ns
Clock High to Echo Clock Low-Z
tKHCX1
0.5
0.5
0.5
0.5
ns
2
Clock High to Echo Clock High
tKHCH
1.7
1.8
1.8
2.1
ns
Clock Low to Echo Clock Low
tKLCL
1.7
1.8
1.8
2.1
ns
Clock High to Echo Clock High-Z
tKHCZ
1.7
1.8
1.8
2.1
ns
1, 2
Clock High to Output Low-Z
tKHQX1
0.5
0.5
0.5
0.5
ns
1
Clock High to Output Valid
tKHQV
1.7
1.8
1.8
2.1
ns
Clock High to Output Invalid
tKHQX
0.5
0.5
0.5
0.5
ns
Clock High to Output High-Z
tKHQZ
1.7
1.8
1.8
2.1
ns
1
Echo Clock High to Output Valid
tCHQV
0.35
0.35
0.38
0.45
ns
2
Echo Clock High to Output Invalid
tCHQX
–0.35
–0.35
–0.38
–0.45
ns
2
Address Valid to Clock High
tAVKH
0.4
0.6
0.7
0.8
ns
Clock High to Address Don’t Care
tKHAX
0.4
0.4
0.4
0.5
ns
Enable Valid to Clock High
tEVKH
0.4
0.6
0.7
0.8
ns
Clock High to Enable Don’t Care
tKHEX
0.4
0.4
0.4
0.5
ns
Write Valid to Clock High
tWVKH
0.4
0.6
0.7
0.8
ns
Clock High to Write Don’t Care
tKHWX
0.4
0.4
0.4
0.5
ns
Byte Write Valid to Clock High
tBVKH
0.4
0.6
0.7
0.8
ns
Clock High to Byte Write Don’t Care
tKHBX
0.4
0.4
0.4
0.5
ns
Data In Valid to Clock High
tDVKH
0.4
0.5
0.5
0.5
ns
Clock High to Data In Don’t Care
tKHDX
0.4
0.4
0.4
0.5
ns
ADV Valid to Clock High
tadvVKH
0.4
0.6
0.7
0.8
ns
Clock High to ADV Don’t Care
tKHadvX
0.4
0.4
0.4
0.5
ns
Notes:
1. Measured at 100 mV from steady state. Not 100% tested.
2. Guaranteed by design. Not 100% tested.
3. For any specific temperature and voltage tKHCZ < tKHCX1.


Similar Part No. - GS8170DW36AC-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200 GSI-GS8170DW36C-200 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-200I GSI-GS8170DW36C-200I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250 GSI-GS8170DW36C-250 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW36C-250I GSI-GS8170DW36C-250I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW36AC-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com