Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8180D18D-100 Datasheet(PDF) 9 Page - GSI Technology

Part # GS8180D18D-100
Description  18Mb Burst of 4 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180D18D-100 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS8180D18D-100 Datasheet HTML 5Page - GSI Technology GS8180D18D-100 Datasheet HTML 6Page - GSI Technology GS8180D18D-100 Datasheet HTML 7Page - GSI Technology GS8180D18D-100 Datasheet HTML 8Page - GSI Technology GS8180D18D-100 Datasheet HTML 9Page - GSI Technology GS8180D18D-100 Datasheet HTML 10Page - GSI Technology GS8180D18D-100 Datasheet HTML 11Page - GSI Technology GS8180D18D-100 Datasheet HTML 12Page - GSI Technology GS8180D18D-100 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
GS8180D18D-250/200/167/133/100
Rev: 2.04 4/2005
9/28
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS
via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM. The allowable range of RQ to guarantee impedance matching with a
vendor-specified tolerance is between 150
Ω and 300Ω. Periodic readjustment of the output driver impedance is necessary as the
impedance is affected by drifts in supply voltage and temperature. A clock cycle counter periodically triggers an impedance
evaluation, resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time
towards the optimum level. The output driver is implemented with discrete binary weighted impedance steps. The SRAM requires
32K start-up cycles, selected or deselected, after VDD reaches its operating range to reach its programmed output driver impedance.
Separate I/O Burst of 4 SigmaQuad SRAM Truth Table
A
R
W
Previous
Operation
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn)
K
(tn)
K
(tn)
K
(tn-1)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
X
1
1
Deselect
Deselect
X
X
Hi-Z
Hi-Z
X
1
X
Write
Deselect
D2
D3
Hi-Z
Hi-Z
X
X
1
Read
Deselect
X
X
Q2
Q3
V
1
0
Deselect
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
V
0
X
Deselect
Read
X
X
Q0
Q1
Q2
Q3
V
X
0
Read
Write
D0
D1
D2
D3
Q2
Q3
V
0
X
Write
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Qs are tristated for one cycle in response to Deselect and Write commands, one cycle after the command is sampled, except when pre-
ceded by a Read command.
6. Users should not clock in metastable addresses.


Similar Part No. - GS8180D18D-100

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100 GSI-GS8180DV18D-100 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100I GSI-GS8180DV18D-100I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133 GSI-GS8180DV18D-133 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133I GSI-GS8180DV18D-133I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
More results

Similar Description - GS8180D18D-100

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com