Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8170DW72AC-250 Datasheet(PDF) 18 Page - GSI Technology

Part # GS8170DW72AC-250
Description  18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8170DW72AC-250 Datasheet(HTML) 18 Page - GSI Technology

Back Button GS8170DW72AC-250 Datasheet HTML 14Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 15Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 16Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 17Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 18Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 19Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 20Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 21Page - GSI Technology GS8170DW72AC-250 Datasheet HTML 22Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
GS8170DW36/72AC-350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2005
18/32
© 2003, GSI Technology
Operating Currents
Parameter
Symbol
-350
-333
-300
-250
Test Conditions
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
Operating
Current
x72
IDDP (PL)
365 mA
375 mA
345 mA
355 mA
320 mA
330 mA
275 mA
285 mA
E1
≤ VIL Max.
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
x36
IDDP (PL)
265 mA
275 mA
245 mA
255 mA
225 mA
235 mA
200 mA
210 mA
Chip Disable
Current
x72
ISB1 (PL)
80 mA
90 mA
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
E1
≥ VIH Min. or
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
x36
ISB1 (PL)
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
60 mA
70 mA
Bank Deselect
Current
x72
ISB2 (PL)
80 mA
90 mA
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
E2 or E3 False
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
x36
ISB2 (PL)
75 mA
85 mA
70 mA
80 mA
65 mA
75 mA
60 mA
70 mA
CMOS
Deselect
Current
IDD3
45 mA
55 mA
45 mA
55 mA
45 mA
55 mA
45 mA
55 mA
Device Deselected
All inputs
VSS + 0.10 V
≥ VIN
VDD – 0.10 V


Similar Part No. - GS8170DW72AC-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW72C-200 GSI-GS8170DW72C-200 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72C-200I GSI-GS8170DW72C-200I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72C-250 GSI-GS8170DW72C-250 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72C-250I GSI-GS8170DW72C-250I Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8170DW72C-300 GSI-GS8170DW72C-300 Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
More results

Similar Description - GS8170DW72AC-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8170DW36C GSI-GS8170DW36C Datasheet
1Mb / 27P
   18Mb 誇1x1Dp CMOS I/O Double Late Write SigmaRAM
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170DD36C GSI-GS8170DD36C Datasheet
716Kb / 29P
   18Mb 誇1x2Lp CMOS I/O Double Data Rate SigmaRAM
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com