Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8180D18GD-133I Datasheet(PDF) 10 Page - GSI Technology

Part # GS8180D18GD-133I
Description  18Mb Burst of 4 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180D18GD-133I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8180D18GD-133I Datasheet HTML 6Page - GSI Technology GS8180D18GD-133I Datasheet HTML 7Page - GSI Technology GS8180D18GD-133I Datasheet HTML 8Page - GSI Technology GS8180D18GD-133I Datasheet HTML 9Page - GSI Technology GS8180D18GD-133I Datasheet HTML 10Page - GSI Technology GS8180D18GD-133I Datasheet HTML 11Page - GSI Technology GS8180D18GD-133I Datasheet HTML 12Page - GSI Technology GS8180D18GD-133I Datasheet HTML 13Page - GSI Technology GS8180D18GD-133I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Byte Write Clock Truth Table
BW
BW
BW
BW
Current Operation
D
D
D
D
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
T
T
T
T
Write
Dx stored if BWn = 0 in all four data transfers
D0
D2
D3
D4
T
F
F
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D0
X
X
X
F
T
F
F
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D1
X
X
F
F
T
F
Write
Dx stored if BWn = 0 in 3rd data transfer only
X
X
D2
X
F
F
F
T
Write
Dx stored if BWn = 0 in 4th data transfer only
X
X
X
D3
F
F
F
F
Write Abort
No Dx stored in any of the four data transfers
X
X
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
x18 Byte Write Enable (BWn) Truth Table
BW0 BW1
D0–D8
D9–D17
1
1
Don’t Care
Don’t Care
0
1
Data In
Don’t Care
1
0
Don’t Care
Data In
0
0
Data In
Data In
GS8180D18D-250/200/167/133/100
Rev: 2.04 4/2005
10/28
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


Similar Part No. - GS8180D18GD-133I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100 GSI-GS8180DV18D-100 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100I GSI-GS8180DV18D-100I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133 GSI-GS8180DV18D-133 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133I GSI-GS8180DV18D-133I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
More results

Similar Description - GS8180D18GD-133I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com