Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSA753 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSA753
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WSA753 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSA753 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSA753 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WSA753
JAN. 2003 REV:00
copyright@wooseok s.tech corp. All rights reserved.
Base Emitter Saturation Voltage
Collector Emitter Saturation Voltage
IC,Collector Current,mA
-1
-10
-100
-1000
-10
-100
-1000
IC=10IB
VBE(sat)
VCE(sat)
Safe Operating Area
-10
-1
-3
-10
-30
-100 -300
-1000
-0.01
-0.1
-0.3
-1
-3
VCE(V),Collector Emitter Voltage
Power Derating
4
14
16
12
8
50
100
150
200
250
Tc(℃), Case Temperature
Ic Max(Pulse)
Ic Max(DC)
1mS
10mS
Static Characteristics
0
0.4
0.8
1.6
1.2
2.0
2.2
IB=-6mA
IB=-4mA
IB=-3mA
IB=-2mA
IB=-1mA
Vce,Collector-Emitter Voltage ,V
-4
-8
-12
-16
DC Current Gain
1000
-1
-10
-100
-1000
-10000
10
30
100
300
IC,Collector Current,mA
VCE=-2V
IB=-8mA
IB=-10mA
Current Gain-Bandwidth Product
-
30
100
1000
50
-0.1
-1
-0.01
10
1
IC,Collector Current,A
300
VCE=-5V
100uS
2


Similar Part No. - WSA753

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
   WIRE WOUND SMD INDUCTOR
logo
Taoglas antenna solutio...
WSA.2400.A.101151 TAOGLAS-WSA.2400.A.101151 Datasheet
1Mb / 23P
   Ingress Protection Rating IP65
WSA.2458.A.101151 TAOGLAS-WSA.2458.A.101151 Datasheet
2Mb / 29P
   Low Profile for Ease of Installation
WSA2400A101151 TAOGLAS-WSA2400A101151 Datasheet
1Mb / 23P
   Phoenix WSA.2400 Bluetooth I-Bar 2.4GHz Antenna
WSA2458A101151 TAOGLAS-WSA2458A101151 Datasheet
2Mb / 29P
   Phoenix WSA.2458 Dual Band Wi-Fi I-Bar 2.4/5.8GHz Antenna with 1M RG-174 RP-SMA(M)
More results

Similar Description - WSA753

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com