Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT534A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT534A
Description  Octal D-type flip-flop, inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT534A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT534A Datasheet HTML 2Page - NXP Semiconductors 74ABT534A Datasheet HTML 3Page - NXP Semiconductors 74ABT534A Datasheet HTML 4Page - NXP Semiconductors 74ABT534A Datasheet HTML 5Page - NXP Semiconductors 74ABT534A Datasheet HTML 6Page - NXP Semiconductors 74ABT534A Datasheet HTML 7Page - NXP Semiconductors 74ABT534A Datasheet HTML 8Page - NXP Semiconductors 74ABT534A Datasheet HTML 9Page - NXP Semiconductors 74ABT534A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT534A
Octal D-type flip-flop, inverting (3-State)
1997 Feb 03
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
2
1.0 1
1.0 1
0.4
0.3
1.0 1
1.0 1
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
2
0.5
0.5
–0.3
–0.4
0.5
0.5
ns
tw(H)
tw(L)
CP pulse width
High or Low
1
1.5 1
2.0 1
0.8
1.0
1.5 1
2.0 1
ns
NOTE:
1. This datasheet limit may vary among suppliers.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
VM
VM
VM
VM
VM
1/fMAX
tPLH
tPHL
CP
Qn
tw(L)
SA00165
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
Dn
VM
VM
VM
VM
VM
CP
ts(H)
th(H)
ts(L)
th(L)
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SA00107
Waveform 2. Data Setup and Hold Times
OE
VM
tPZH
tPHZ
0V
VOH –0.3V
Qn
VM
VM
SA00166
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
VOL +0.3V
Qn
VM
VM
VM
SA00167
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74ABT534A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
74ABT534AD IRF-74ABT534AD Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
74ABT534ADB IRF-74ABT534ADB Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
74ABT534AN IRF-74ABT534AN Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
74ABT534APW IRF-74ABT534APW Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
More results

Similar Description - 74ABT534A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com