Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71216TP-8I Datasheet(PDF) 6 Page - GSI Technology

Part # GS71216TP-8I
Description  64K x 16 1Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71216TP-8I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS71216TP-8I Datasheet HTML 2Page - GSI Technology GS71216TP-8I Datasheet HTML 3Page - GSI Technology GS71216TP-8I Datasheet HTML 4Page - GSI Technology GS71216TP-8I Datasheet HTML 5Page - GSI Technology GS71216TP-8I Datasheet HTML 6Page - GSI Technology GS71216TP-8I Datasheet HTML 7Page - GSI Technology GS71216TP-8I Datasheet HTML 8Page - GSI Technology GS71216TP-8I Datasheet HTML 9Page - GSI Technology GS71216TP-8I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5HY=#4134#525333
9245
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
/
*6:454973
$&#&KDUDFWHULVWLFV
-#7KHVH#SDUDPHWHUV#DUH#VDPSOHG#DQG#DUH#QRW#433(#WHVWHG
5HDG#&\FOH#4=#&(# #2(# #9,//#:(# #9,+/#8%#DQG/#RU#/%# #9,/
5HDG#&\FOH
3DUDPHWHU
6\PERO
0;
0<
8QLW
0LQ
0D[
0LQ
0D[
5HDG#F\FOH#WLPH
W5&
;
000
<
000
QV
$GGUHVV#DFFHVV#WLPH
W$$
000
;
000
<
QV
&KLS#HQDEOH#DFFHVV#WLPH#+&(,
W$&
000
;
000
<
QV
%\WH#HQDEOH#DFFHVV#WLPH#+8%/#/%,
W$%
000
618
000
618
QV
2XWSXW#HQDEOH#WR#RXWSXW#YDOLG#+2(,
W2(
000
618
000
618
QV
2XWSXW#KROG#IURP#DGGUHVV#FKDQJH
W2+
6
000
6
000
QV
&KLS#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+&(,
W/=-
6
000
6
000
QV
2XWSXW#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+2(,
W2/=-
3
000
3
000
QV
%\WH#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+8%/#/%,
W%/=-
3
000
3
000
QV
&KLS#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+&(,
W+=-
000
7
000
7
QV
2XWSXW#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+2(,
W2+=-
000
618
000
618
QV
%\WH#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+8%/#/%,
W%+=-
000
618
000
618
QV
W$$
W2+
W5&
$GGUHVV
'DWD#2XW
3UHYLRXV#'DWD
'DWD#YDOLG


Similar Part No. - GS71216TP-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71208TP-8 GSI-GS71208TP-8 Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results

Similar Description - GS71216TP-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
   64K x 24 1.5Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com